Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3302-I/ST Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP3302-I/ST
Description  13-Bit Differential Input, Low Power A/D Converter with SPI Serial Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3302-I/ST Datasheet(HTML) 3 Page - Microchip Technology

  MCP3302-I/ST Datasheet HTML 1Page - Microchip Technology MCP3302-I/ST Datasheet HTML 2Page - Microchip Technology MCP3302-I/ST Datasheet HTML 3Page - Microchip Technology MCP3302-I/ST Datasheet HTML 4Page - Microchip Technology MCP3302-I/ST Datasheet HTML 5Page - Microchip Technology MCP3302-I/ST Datasheet HTML 6Page - Microchip Technology MCP3302-I/ST Datasheet HTML 7Page - Microchip Technology MCP3302-I/ST Datasheet HTML 8Page - Microchip Technology MCP3302-I/ST Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
 2002 Microchip Technology Inc.
DS21697B-page 3
MCP3302/04
1.0
ELECTRICAL
CHARACTERISTICS
Maximum Ratings*
VDD........................................................................7.0V
All inputs and outputs w.r.t. VSS .....-0.3V to VDD +0.3V
Storage temperature .......................... -65°C to +150°C
Ambient temp. with power applied ..... -65°C to +125°C
Maximum Junction Temperature ....................... 150°C
ESD protection on all pins (HBM)
......................... > 4kV
*Notice: Stresses above those listed under “Maximum rat-
ings” may cause permanent damage to the device. This is a
stress rating only and functional operation of the device at
those or any other conditions above those indicated in the
operational listings of this specification is not implied. Expo-
sure to maximum rating conditions for extended periods may
affect device reliability.
PIN FUNCTION TABLE
Name
Function
CH0-CH7
Analog Inputs
DGND
Digital Ground
CS/SHDN
Chip Select / Shutdown Input
DIN
Serial Data In
DOUT
Serial Data Out
CLK
Serial Clock
AGND
Analog Ground
VREF
Reference Voltage Input
VDD
+2.7V to 5.5V Power Supply
ELECTRICAL SPECIFICATIONS
Electrical Characteristics: Unless otherwise noted, all parameters apply at VDD = 5V, VSS = 0V, and VREF = 5V. Full differential
input configuration (Figure 3-4) with fixed common mode voltage of 2.5V. All parameters apply over temperature with
TAMB = -40°C to +85°C (Note 7). Conversion speed (FSAMPLE) is 100 ksps with FCLK = 21*FSAMPLE
Parameter
Symbol
Min
Typ
Max
Units
Conditions
Conversion Rate
Maximum Sampling Frequency
FSAMPLE
——
100
ksps
Note 8
—
—
50
ksps
VDD = VREF = 2.7V, VCM =1.35V
Conversion Time
TCONV
13
CLK
periods
Acquisition Time
TACQ
1.5
CLK
periods
DC Accuracy
Resolution
12 data bits + sign
bits
Integral Nonlinearity
INL
—
—
±0.5
±1
±1
±2
LSB
LSB
MCP3302/04-B
MCP3302/04-C
Differential Nonlinearity
DNL
—
±0.5
±1
LSB
Monotonic over temperature
Positive Gain Error
-3
-0.75
+2
LSB
Negative Gain Error
-3
-0.5
+2
LSB
Offset Error
-3
+3
+6
LSB
Note 1: This specification is established by characterization and not 100% tested.
2: See characterization graphs that relate converter performance to VREF level.
3: VIN = 0.1V to 4.9V @ 1 kHz.
4: VDD =5VP-P ±500 mV @ 1 kHz, see test circuit Figure 3-3.
5: Maximum clock frequency specification must be met.
6: VREF = 400 mV, VIN = 0.1V to 4.9V @ 1 kHz
7: TSSOP devices are only specified at 25°C and +85°C.
8: For slow sample rates, see Section 6.2.1 for limitations on clock frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com