Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF5709BEZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADF5709BEZ-R7
Description  9.85 GHz to 20.5 GHz, Wideband, MMIC VCO
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5709BEZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADF5709BEZ-R7 Datasheet HTML 1Page - Analog Devices ADF5709BEZ-R7 Datasheet HTML 2Page - Analog Devices ADF5709BEZ-R7 Datasheet HTML 3Page - Analog Devices ADF5709BEZ-R7 Datasheet HTML 4Page - Analog Devices ADF5709BEZ-R7 Datasheet HTML 5Page - Analog Devices ADF5709BEZ-R7 Datasheet HTML 6Page - Analog Devices ADF5709BEZ-R7 Datasheet HTML 7Page - Analog Devices ADF5709BEZ-R7 Datasheet HTML 8Page - Analog Devices ADF5709BEZ-R7 Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ADF5709
Data Sheet
Rev. A | Page 4 of 9
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
VCC
5.5 V dc
VTUNE
−1 V to +25 V
Temperature
Operating
−40°C to +85°C
Storage
−65°C to +150°C
Nominal Junction (to Maintain 1 Million
Hours Mean Time to Failure (MTTF))
135°C
Nominal Junction (TA = 85°C)
119°C
Peak Reflow (Moisture Sensitivity
Level 3 (MSL3) Rating)
260°C
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to
PCB thermal design is required.
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages. θJC is
the thermal resistance from the operating portion of the device
to the outside surface of the package (case) closest to the device
mounting area.
Table 3. Thermal Resistance
Package Type1
θJA
θJC
Unit
E-24-2
58.6
21.9
°C/W
1 The thermal impedance simulated values are based on the JESD-51 standard
using 2S2P on FR4 with four standard JEDEC vias (0.3 mm diameter,
0.025 mm plating, and 1.2 mm pitch).
ELECTROSTATIC DISCHARGE (ESD) RATINGS
The following ESD information is provided for handling of
ESD-sensitive devices in an ESD protected area only.
Human body model (HBM) per ANSI/ESDA/JEDEC JS-001.
ESD Ratings for ADF5709
Table 4. ADF5709, 24-Terminal Ceramic LCC
ESD Model
Withstand Threshold (V)
Class
HBM1
250
1A
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com