Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF5709BEZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADF5709BEZ-R7
Description  9.85 GHz to 20.5 GHz, Wideband, MMIC VCO
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5709BEZ-R7 Datasheet(HTML) 6 Page - Analog Devices

  ADF5709BEZ-R7 Datasheet HTML 1Page - Analog Devices ADF5709BEZ-R7 Datasheet HTML 2Page - Analog Devices ADF5709BEZ-R7 Datasheet HTML 3Page - Analog Devices ADF5709BEZ-R7 Datasheet HTML 4Page - Analog Devices ADF5709BEZ-R7 Datasheet HTML 5Page - Analog Devices ADF5709BEZ-R7 Datasheet HTML 6Page - Analog Devices ADF5709BEZ-R7 Datasheet HTML 7Page - Analog Devices ADF5709BEZ-R7 Datasheet HTML 8Page - Analog Devices ADF5709BEZ-R7 Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
ADF5709
Data Sheet
Rev. A | Page 6 of 9
TYPICAL PERFORMANCE CHARACTERISTICS
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
–1
1
3
5
7
9
11
1315
17
19
2123
VTUNE (V dc)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 7. fOUT vs. VTUNE for Various Temperatures
4
5
6
3
2
1
0
–1
–2
–3
–4
–6
–5
–1
1
3
5
7
9
11
13
15
17
19
21
23
VTUNE (V dc)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 8. POUT vs. VTUNE for Various Temperatures
2000
0
200
400
600
800
1000
1200
1400
1800
1600
–1
1
3
5
7
9
11
13
15
21
19
17
23
VTUNE (V dc)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 9. Tuning Sensitivity vs. VTUNE for Various Temperatures
75
65
66
67
68
69
70
71
72
74
73
85
76
77
78
79
80
81
82
84
83
–1
1
3
5
7
9
11
13
15
21
19
17
23
VTUNE (V dc)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 10. ICC vs. VTUNE for Various Temperatures
–30
–130
–120
–110
–100
–90
–80
–70
–60
–40
–50
–1
1
3
5
7
9
11
13
15
21
19
17
23
VTUNE (V dc)
TA = –40°C
TA = +25°C
TA = +85°C
10kHz
100kHz
1MHz
Figure 11. Single Sideband Phase Noise vs. VTUNE for
Various Temperatures and Frequencies
–20
–10
0
–170
–150
–160
–130
–140
–110
–100
–120
–90
–80
–60
–40
–30
–50
–70
1k
10k
100k
1M
10M
40M
OFFSET FREQUENCY (Hz)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 12. Single Sideband Phase Noise vs. Offset Frequency for
Various Temperatures at VTUNE = 10 V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com