Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF5709BEZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADF5709BEZ-R7
Description  9.85 GHz to 20.5 GHz, Wideband, MMIC VCO
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5709BEZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADF5709BEZ-R7 Datasheet HTML 1Page - Analog Devices ADF5709BEZ-R7 Datasheet HTML 2Page - Analog Devices ADF5709BEZ-R7 Datasheet HTML 3Page - Analog Devices ADF5709BEZ-R7 Datasheet HTML 4Page - Analog Devices ADF5709BEZ-R7 Datasheet HTML 5Page - Analog Devices ADF5709BEZ-R7 Datasheet HTML 6Page - Analog Devices ADF5709BEZ-R7 Datasheet HTML 7Page - Analog Devices ADF5709BEZ-R7 Datasheet HTML 8Page - Analog Devices ADF5709BEZ-R7 Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Data Sheet
ADF5709
Rev. A | Page 5 of 9
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
2
NC
3
NC
4
VTUNE
5
NC
6
NC
1
NC
13
NC
14
GND
15
RFOUT
16
GND
17
NC
18
NC
19
20
21
22
23
24
7
8 9 10 11 12
ADF5709
TOP VIEW
(Not to Scale)
NOTES
1. NC = NO CONNECT. HOWEVER, THESE PINS CAN BE CONNECTED
TO RF OR DC GROUND WITHOUT AFFECTING THE PERFORMANCE
OF THE DEVICE.
2. EXPOSED PAD. THE PACKAGE BOTTOM HAS AN EXPOSED METAL
PAD THAT MUST BE CONNECTED TO RF OR DC GROUND.
Figure 2. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1 to 3, 5 to 11, 13, 17 to 24
NC
No Connect. However, these pins can be connected to RF or dc ground without affecting the
performance of the device.
4
VTUNE
Control Voltage and Modulation Input. The modulation bandwidth is dependent on the drive
source impedance.
12
VCC
Supply Voltage (5 V dc).
14, 16
GND
Ground. The GND pins must be connected to RF or dc ground.
15
RFOUT
RF Output. The RFOUT pin is ac-coupled and a VSWR load of ≤2.0:1 must be maintained across
frequency. Connect a 100 nF coupling capacitor to the RFOUT pin for protection.
EP
Exposed Pad. The package bottom has an exposed metal pad that must be connected to RF or
dc ground.
INTERFACE SCHEMATICS
1.4pF
13.6pF
50Ω
3.7pF
VTUNE
Figure 3. VTUNE Interface
VCC
27pF
12pF
20Ω
1.9Ω
Figure 4. VCC Interface
GND
Figure 5. GND Interface
RFOUT
Figure 6. RFOUT Interface



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com