Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF5709BEZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADF5709BEZ-R7
Description  9.85 GHz to 20.5 GHz, Wideband, MMIC VCO
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5709BEZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADF5709BEZ-R7 Datasheet HTML 1Page - Analog Devices ADF5709BEZ-R7 Datasheet HTML 2Page - Analog Devices ADF5709BEZ-R7 Datasheet HTML 3Page - Analog Devices ADF5709BEZ-R7 Datasheet HTML 4Page - Analog Devices ADF5709BEZ-R7 Datasheet HTML 5Page - Analog Devices ADF5709BEZ-R7 Datasheet HTML 6Page - Analog Devices ADF5709BEZ-R7 Datasheet HTML 7Page - Analog Devices ADF5709BEZ-R7 Datasheet HTML 8Page - Analog Devices ADF5709BEZ-R7 Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
9.85 GHz to 20.5 GHz,
Wideband, MMIC VCO
Data Sheet
ADF5709
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rights of third parties that may result from its use. Specifications subject to change without notice.
No license is granted by implication or otherwise under any patent or patent rights of Analog
Devices.Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2020 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Wide output frequency range: 9.85 GHz to 20.5 GHz
Wide tuning bandwidth
Low single sideband phase noise: −83 dBc/Hz at 100 kHz offset
No external resonator needed
Supply current: 70 mA typical at VCC = 5 V
24-terminal, 3.90 mm × 3.90 mm, ceramic LCC package
APPLICATIONS
Industrial and medical equipment
Test and measurement equipment
Military radars, electronic warfare (EW), and electronic
countermeasures (ECMs)
Point to point and multipoint radios
Very small aperture terminals (VSATs)
Wireless communication infrastructure
FUNCTIONAL BLOCK DIAGRAM
2
NC
3
NC
4
VTUNE
5
NC
6
NC
1
NC
13
PACKAGE
BASE
NC
14
GND
GND
15
RFOUT
16
GND
17
NC
18
NC
19
20
21
22
23
24
7
8 9 10 11 12
ADF5709
Figure 1.
GENERAL DESCRIPTION
The ADF5709 wideband, monolithic microwave integrated
circuit (MMIC), voltage controlled oscillator (VCO) supports
an output frequency (fOUT) range of 9.85 GHz to 20.5 GHz while
maintaining −83 dBc/Hz phase noise at 100 kHz offset without
subharmonic tones. The wide frequency tuning range and low
phase noise allow phase-locked loop (PLL) solutions for a variety
of frequency bands and limit the need for multiple narrow-band
VCOs. The broad frequency coverage reduces the board design
complexity and simplifies the bill of materials when designing
RF and microwave applications.
The VCO operates from a single 5 V supply and consumes
only 70 mA of supply current that results in minimal power
dissipation. The ADF5709 low power consumption is ideal
for high performance applications with limited or no airflow.
The monolithic construction of the VCO allows optimal output
power and noise characteristics over temperature variations.
The VCO is fully integrated and incorporates a resonator, a
negative resistance device, and a varactor diode that minimize
the number of external components and reduces board space.
The low input impedance on the VTUNE pin of the ADF5709
enables high tuning speed and modulation bandwidth, which
allows faster frequency sweeps and lock times when used as
part of a frequency synthesizer, for example, in radar or in test
and measurement applications.
The ADF5709 is encapsulated into a tiny, 3.90 mm × 3.90 mm,
RoHS compliant, ceramic leadless chip carrier (LCC) package.
The package includes through vias to the exposed pad,
enhancing thermal characteristics.
The small size, optimal noise performance, low power
consumption, and wide tuning range of the ADF5709 make
the device ideal for many applications requiring flexibility,
high performance, a small footprint, and a tight power budget.
The ADF5709 is pin to pin compatible with the HMC733 and
other Analog Devices, Inc., wideband VCOs.


Similar Part No. - ADF5709BEZ-R7

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADF5 ETC2-ADF5 Datasheet
459Kb / 2P
Cable Economiser
logo
Analog Devices
ADF5000 AD-ADF5000 Datasheet
214Kb / 12P
4 GHz to 18 GHz Divide-by-2 Prescaler
REV. 0
ADF5000BCPZ AD-ADF5000BCPZ Datasheet
214Kb / 12P
4 GHz to 18 GHz Divide-by-2 Prescaler
REV. 0
ADF5001 AD-ADF5001 Datasheet
274Kb / 12P
4 GHz to 18 GHz Divide-by-4 Prescaler
REV. 0
ADF5001 AD-ADF5001 Datasheet
153Kb / 3P
Low Noise, 12 GHz, Microwave Fractional-N Phase-Locked Loop Using an Active Loop Filter and RF Prescaler
REV. A
More results

Similar Description - ADF5709BEZ-R7

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC586LC4B HITTITE-HMC586LC4B Datasheet
202Kb / 6P
WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 4.0 - 8.0 GHz
HMC587LC4B HITTITE-HMC587LC4B Datasheet
222Kb / 6P
WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 5 - 10 GHz
HMC588LC4B HITTITE-HMC588LC4B Datasheet
261Kb / 6P
WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 8.0 - 12.5 GHz
HMC733LC4B HITTITE-HMC733LC4B Datasheet
454Kb / 4P
WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 10 - 20 GHz
logo
RF Micro Devices
RFVC1800 RFMD-RFVC1800 Datasheet
953Kb / 6P
WIDEBAND MMIC VCO WITH BUFFER AMPLIFIER, 8 GHz to 12 GHz
logo
Hittite Microwave Corpo...
HMC586LC4B HITTITE-HMC586LC4B_10 Datasheet
159Kb / 4P
WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 4 - 8 GHz
HMC587LC4B HITTITE-HMC587LC4B_10 Datasheet
156Kb / 4P
WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 5 - 10 GHz
HMC732LC4B HITTITE-HMC732LC4B Datasheet
422Kb / 6P
WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 6 - 12 GHz
HMC733LC4B HITTITE-HMC733LC4B_11 Datasheet
362Kb / 4P
WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 10 - 20 GHz
logo
Marki Microwave
MFB-2625 MARKIMICROWAVE-MFB-2625 Datasheet
356Kb / 7P
Passive MMIC 20.5-32 GHz Bandpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com