Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF5709BEZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADF5709BEZ-R7
Description  9.85 GHz to 20.5 GHz, Wideband, MMIC VCO
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5709BEZ-R7 Datasheet(HTML) 7 Page - Analog Devices

  ADF5709BEZ-R7 Datasheet HTML 1Page - Analog Devices ADF5709BEZ-R7 Datasheet HTML 2Page - Analog Devices ADF5709BEZ-R7 Datasheet HTML 3Page - Analog Devices ADF5709BEZ-R7 Datasheet HTML 4Page - Analog Devices ADF5709BEZ-R7 Datasheet HTML 5Page - Analog Devices ADF5709BEZ-R7 Datasheet HTML 6Page - Analog Devices ADF5709BEZ-R7 Datasheet HTML 7Page - Analog Devices ADF5709BEZ-R7 Datasheet HTML 8Page - Analog Devices ADF5709BEZ-R7 Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Data Sheet
ADF5709
Rev. A | Page 7 of 9
0
–5
–10
–15
–20
–25
–30
–35
–40
–45
–1
1
3
5
7
9
11
13
15
17
19
21
23
VTUNE (V dc)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 13. Second Harmonic vs. VTUNE for Various Temperatures
0
–14
–12
–10
–8
–6
–4
–2
TA = 25°C
VTUNE = 10V
VCC = 5V
0.50
6.62
12.75
18.87
25.00
FREQUENCY (GHz)
Figure 14. Output Return Loss vs. Frequency at VTUNE = 10 V
0
–45
–40
–30
–35
–20
–25
–10
–5
–15
–1
0
123
4
5
67
89
10
11
VTUNE (V dc)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 15. Third Harmonic vs. VTUNE for Various Temperatures,
Measured Up to 11 V Only due to Equipment Limitation
50
0
–50
–100
–150
–200
–250
–300
–1
1
3
5
7
9
11
13
15
17
19
21
23
VTUNE (V dc)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 16. VCC Pushing vs. VTUNE for Various Temperatures



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com