Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF5709BEZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADF5709BEZ-R7
Description  9.85 GHz to 20.5 GHz, Wideband, MMIC VCO
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5709BEZ-R7 Datasheet(HTML) 8 Page - Analog Devices

  ADF5709BEZ-R7 Datasheet HTML 1Page - Analog Devices ADF5709BEZ-R7 Datasheet HTML 2Page - Analog Devices ADF5709BEZ-R7 Datasheet HTML 3Page - Analog Devices ADF5709BEZ-R7 Datasheet HTML 4Page - Analog Devices ADF5709BEZ-R7 Datasheet HTML 5Page - Analog Devices ADF5709BEZ-R7 Datasheet HTML 6Page - Analog Devices ADF5709BEZ-R7 Datasheet HTML 7Page - Analog Devices ADF5709BEZ-R7 Datasheet HTML 8Page - Analog Devices ADF5709BEZ-R7 Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
ADF5709
Data Sheet
Rev. A | Page 8 of 9
APPLICATIONS INFORMATION
The ADF5709 serves as the local oscillator (LO) in microwave
synthesizer applications. The primary applications for this
device are point to point and multipoint radios, military radars,
test and measurement, industrial and medical equipment, and
wireless communication infrastructure. The low phase noise
allows higher orders of modulation and offers improved bit
error rates in communication systems. The linear, monotonic
tuning sensitivity allows a stable loop filter design. The higher
output power minimizes the gain required to drive subsequent
stages. The cascode output buffer amplifier stage guarantees
stability over a wide range of output load conditions and
improves the pulling performance of the VCO.
To achieve optimal performance of the VCO, high power
supply rejection ratio (PSRR) and low dropout (LDO) regulators
are recommended to minimize any spurious frequencies from the
power supply and to achieve the lowest phase noise native to
the VCO. The ADM7150 and the LT3042 meet these
requirements and are acceptable LDO regulators to use.
The wide frequency range of the VCO suggests the use of a low
noise, PLL synthesizer, such as the ADF41513. The wide input
bandwidth of this synthesizer (1 GHz to 26.5 GHz) makes the
ADF41513 an ideal synthesizer for use with the ADF5709. The
variable charge pump current allows compensation for VCO
sensitivity variation by allowing charge pump currents to be
increased or decreased as required. Ensure that optimal RF
layout practices are used for the layout of the interconnecting
circuits. Give first priority to the microwave power splitter
network from the output buffer of the VCO to the RF input pin
(RFIN1A) of the ADF41513. Give the next highest priority to the
highly sensitive VTUNE line with the first pole placed as close to
the ADF41513 CP output pin as possible, and the final RC pole
of the filter placed as close to the ADF5709 VTUNE pin as possible.
The wide tuning range of the ADF5709 requires the use of a
high voltage, low noise, op amp. The ADA4625-1 is acceptable
to use for such applications.
The suggested PCB stack up consists of a high quality dielectric
material, such as Rogers 4003. The transmission lines carrying
the high frequency signal must be carefully controlled, 50 Ω
characteristic impedances.
ADF41513
CE
CLK
DATA
LE
1nF
REFIN
1pF
CP
MUXOUT
DLD
220Ω
1pF
NOTES
THIS IS A SIMPLIFIED SCHEMATIC, DECOUPLING CAPACITORS AND SPI CONNECTION DETAILS HAVE BEEN OMITTED FOR CLARITY.
RSET
RFIN1A
RFIN1B
REFIN
VDD
VP
LOCK
DETECT
RFIN
GND
RFOUT1
4.7kΩ
2
6
22
10
24
17
5
4
23
18
100nF
VP
13
14
15
16
62Ω
36Ω
VTUNE
RFOUT
15nF
240pF
19
1
EP
DC1
DC2
75nF
2200pF
RFOUT2
RFOUT1
7
8
9
VP/2
+
–
ADA4625-1
20
21
LOCK
DETECT
11
POWER
SPLITTER
ADF5709
VCC
3
2
3
4
5
6
1
13
14
15
16
17
18
19
20
21
22
23
24
78
9
10 11 12
Figure 17. Typical Application Diagram



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com