Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5206ACPZ-R7 Datasheet(PDF) 25 Page - Analog Devices

Part # ADL5206ACPZ-R7
Description  1.0 GHz DGA with 30 dB Range and 1 dB Step Size
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5206ACPZ-R7 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADL5206ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5206ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5206ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADL5206ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5206ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADL5206ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADL5206ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADL5206ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADL5206ACPZ-R7 Datasheet HTML 25Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 25 page
background image
Data Sheet
ADL5206
Rev. 0 | Page 25 of 25
OUTLINE DIMENSIONS
0.50
BSC
0.50
0.45
0.40
4.10
4.00 SQ
3.90
0.80
0.75
0.70
0.050 MAX
0.035 NOM
0.203 REF
0.55
COPLANARITY
0.08
1.36
1.26
1.16
1.26
1.16
1.06
1
20
6
10
11
15
16
5
BOTTOM VIEW
TOP VIEW
SIDE VIEW
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
EXPOSED
PAD
P IN 1
IN D IC ATO R AR E A OP T IO N S
(SEE DETAIL A)
DETAIL A
(JEDEC 95)
0.30
0.25
0.20
SEATING
PLANE
PIN 1
INDICATOR
AREA
Figure 65. 20-Lead Lead Frame Chip Scale Package [LFCSP]
4 mm × 4 mm Body and 0.75 mm Package Height
(CP-20-16)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
ADL5206ACPZ-R7
−40°C to +85°C
20-Lead Lead Frame Chip Scale Package [LFCSP]
CP-20-16
ADL5206ACPZ
−40°C to +85°C
20-Lead Lead Frame Chip Scale Package [LFCSP]
CP-20-16
ADL5206-EVALZ
Evaluation Board
1 Z = RoHS-Compliant Part.
©2020 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D24682-9/20(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com