Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5206ACPZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADL5206ACPZ-R7
Description  1.0 GHz DGA with 30 dB Range and 1 dB Step Size
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5206ACPZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADL5206ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5206ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5206ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5206ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5206ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5206ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5206ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5206ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5206ACPZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
ADL5206
Data Sheet
Rev. 0 | Page 10 of 25
TYPICAL PERFORMANCE CHARACTERISTICS
Nominal VPOS = 5 V, TA = 25°C, ZLOAD = 100 Ω, maximum gain (gain code = 00000), 2 V p-p composite differential output for IMD3 and
OIP3, 2 V p-p differential output for HD2 and HD3, and VCM = VPOS/2, unless otherwise noted.
70
75
80
85
90
95
100
105
110
115
120
125
130
–40 –30 –20 –10
0
10
20
30
40
50
60
70
80
TEMPERATURE (°C)
VPOS = 4.75V
VPOS = 5V
VPOS = 5.25V
Figure 6. Supply Current vs. Temperature, High Performance Mode
–40 –30 –20 –10
0
10
20
30
40
50
60
70
80
70
75
80
85
90
95
100
105
110
115
120
125
130
TEMPERATURE (°C)
VPOS = 3.13V
VPOS = 3.3V
VPOS = 3.47V
VPOS = 4.75V
VPOS = 5V
VPOS = 5.25V
Figure 7. Supply Current vs. Temperature, Low Power Mode
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
0
2
4
6
8
10 12 14 16 18 20 22 24 26 28
30
GAIN CODE
TA = –40°C
TA = +25°C
TA = +85°C
Figure 8. Gain vs. Gain Code over Temperature at 500 MHz
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
1.2
2
7
12
17
22
27
32
VOLTAGE GAIN (dB)
FREQUENCY = 10MHz
FREQUENCY = 100MHz
FREQUENCY = 200MHz
FREQUENCY = 300MHz
FREQUENCY = 500MHz
FREQUENCY = 700MHz
FREQUENCY = 1000MHz
FREQUENCY = 1250MHz
FREQUENCY = 1500MHz
FREQUENCY = 1750MHz
Figure 9. Gain Step Error vs. Voltage Gain, 5 V High Performance Mode
10
15
20
25
30
35
40
45
50
55
FREQUENCY (MHz)
VOLTAGE GAIN = 14dB
VOLTAGE GAIN = 26dB
VOLTAGE GAIN = 32dB
VOLTAGE GAIN = 6dB
0
200
400
600
800
1000 1200 1400 1600 1800 2000
VPOS = 5V
Figure 10. OIP3 vs. Frequency over VPOS = 5 V at Four Voltage Gains,
High Performance Mode
10
15
20
25
30
35
40
45
50
55
0
200
400
600
800
1000 1200 1400 1600 1800 2000
FREQUENCY (MHz)
TA = –40°C
TA = +25°C
TA = +85°C
VPOS = 5V
Figure 11. OIP3 vs. Frequency over VPOS = 5 V for Three Temperatures at
Maximum Gain, High Performance Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com