Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5206ACPZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADL5206ACPZ-R7
Description  1.0 GHz DGA with 30 dB Range and 1 dB Step Size
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5206ACPZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADL5206ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5206ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5206ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5206ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5206ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADL5206ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5206ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADL5206ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADL5206ACPZ-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
Data Sheet
ADL5206
Rev. 0 | Page 19 of 25
THEORY OF OPERATION
BASIC STRUCTURE
The ADL5206 is a differential, digitally controlled VGA, which is
also known as a DGA. The DGA consists of a 100 Ω differential
input, digitally controlled passive attenuator, followed by a
digitally controlled gain amplifier. On-chip logic circuitry maps
the gain codes such that all gain changes, from the maximum
gain to minimum gain, are accomplished by only using the
digitally controlled resistors in the feedback of the amplifier.
This technique does not require a digital step attenuator (DSA)
on the input of the amplifier, thus providing SFDR increases
as gain reduces. This topology also allows all 30 dB of gain
reduction in the feedback with a total noise figure degradation
of 7 dB only over the total 30 dB gain range at 700 MHz. The
differential output impedance of the amplifier is 10 Ω.
CONTROL AND LOGIC CIRCUITRY
The ADL5206 features three different gain control interfaces:
serial, parallel, or up and down control, which is determined by
the combination of the MODE1 and MODE0 pins. For details
on controlling the gain in each of these modes, see the Digital
Interface Overview section. Typically, the gain step size is 1 dB.
Larger step sizes can be programmed, as described in the Digital
Interface Overview section. The amplifier has a maximum gain
of 32 dB (Gain Code 00000) to a minimum gain of 2 dB
(Gain Code 11110 to Gain Code 11111).
COMMON-MODE VOLTAGE
The ADL5206 is flexible in terms of input and output coupling.
The ADL5206 can be ac-coupled or dc-coupled at the inputs
and/or outputs within the specified output common-mode
voltage reference range of 1.2 V to 1.8 V for the 3.3 V supply
and 1.4 V to 2.7 V for the 5 V supply, depending on the supply
voltage. If no external output common-mode voltage is applied,
the input and output common-mode voltages are set internally
to half of the supply voltage.
The output common-mode voltages of the ADL5206 are
controlled by the voltages on the VCM pin. The VCM pin is
connected internally through 5 kΩ resistors to the VPOS pin
as well as to the exposed pad. As a result, the common-mode
output voltage is preset internally to half of the supply voltage at
VPOS. Alternatively, the VCM pin can be connected to the
common-mode voltage reference output from an ADC, and
thus the common-mode levels between the amplifier and the
ADC can be matched without requiring any external components.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com