Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5206ACPZ-R7 Datasheet(PDF) 23 Page - Analog Devices

Part # ADL5206ACPZ-R7
Description  1.0 GHz DGA with 30 dB Range and 1 dB Step Size
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5206ACPZ-R7 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADL5206ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5206ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5206ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADL5206ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5206ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADL5206ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADL5206ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADL5206ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADL5206ACPZ-R7 Datasheet HTML 25Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
Data Sheet
ADL5206
Rev. 0 | Page 23 of 25
Table 12. Gain Code vs. Voltage Gain
5-Bit Binary Gain Code, D4 to D0
Voltage Gain (dB)
00000
32
00001
31
00010
30
00011
29
00100
28
00101
27
00110
26
00111
25
01000
24
01001
23
01010
22
01011
21
01100
20
01101
19
01110
18
01111
17
10000
16
10001
15
10010
14
10011
13
10100
12
10101
11
10110
10
10111
9
11000
8
11001
7
11010
6
11011
5
11100
4
11101
3
11110
2
SPI READ
The ADL5206 can be read back only in serial mode during a
read cycle (from CS low to CS high) after the R/W bit is set high
in the previous cycle. During the read cycle, data changes at
each rising edge of SCLK and can be latched using the falling
edge of SCLK. There is no continual read operation. A logic
high (1) must be written into the R/W bit to enable the subsequent
read cycle, and once the R/W bit is set, the rest of the bits are
ignored in that write cycle.
The sequence for writing and then reading back is shown in
Figure 60 to Figure 62, showing the operation of the input and
output functions of the SDIO pin.
SCLK
WRITE VALUE
WRITE 0x54
R/W BIT LOW ON SDIO (IN)
DATA WRITTEN ON RISING CLOCK EDGE
SDIO (IN)
SDIO (OUT)
CS
Figure 60. Write Gain Control Word
SET UP READ
WRITE 0x10
R/W BIT LOW ON SDIO (OUT)
CS
SDIO (IN)
SCLK
SDIO (OUT)
Figure 61. Write Logic 1 into R/W Bit
PERFORM READ
READ 0x54
R/W BIT HIGH
DATA READ ON FALLING CLOCK EDGE
CS
SDIO (IN)
SCLK
SDIO (OUT)
Figure 62. Perform Read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com