Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5206ACPZ-R7 Datasheet(PDF) 24 Page - Analog Devices

Part # ADL5206ACPZ-R7
Description  1.0 GHz DGA with 30 dB Range and 1 dB Step Size
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5206ACPZ-R7 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADL5206ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5206ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5206ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADL5206ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5206ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADL5206ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADL5206ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADL5206ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADL5206ACPZ-R7 Datasheet HTML 25Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 25 page
background image
ADL5206
Data Sheet
Rev. 0 | Page 24 of 25
ADC INTERFACING
A typical data acquisition system using the ADL5206 together
with an antialiasing filter and an ADC is shown in Figure 63.
The main role of the filter after the amplifier is for attenuating
the broadband noise and out of band harmonics generated by
the amplifier. Component values for a 500 MHz acquisition
bandwidth are listed in Table 13. Without this filter, the out
of band noise and distortion components alias back into the
Nyquist band, resulting in a reduction of signal-to-noise ratio.
The design of the filter preceding the ADL5206 amplifier is
more specific to the system rejection requirements for the
acquisition system.
C4
R1A
R1B
L3A
L1A
L3B
L1B
VCM
C2B
C2A
ADC
AMP
FILTER
Figure 63. ADC Interface (One of Two Channels Shown)
Table 13. Component Values for a 500 MHz Acquisition System
Component
Value
Description/Comments
Amplifier
½ ADL5206
One channel
L1A, L1B
22 nH
Q ≥ 50 at 500 MHz
C2A, C2B
6.8 pF
Final value depends on PCB
parasitics
L3A, L3B
22 nH
Q ≥ 50 at 500 MHz
C4
1.5 pF
Final value depends on PCB
parasitics
R1A, R1B
10 Ω
Not applicable
ADC
½ AD9680
One channel, input impedance set
to 100 Ω
NOISE FIGURE vs. GAIN SETTING
Because of the architecture of the ADL5206, the noise figure
does not degrade significantly for the first 10 dB of gain reduction
from the maximum gain setting. The noise figure increases by
0.5 dB only during the first 10 dB of gain reduction. The noise
figure changes by 7 dB over the 30 dB gain range.
0
5
10
15
20
25
30
35
40
45
GAIN (dB)
ADL5206
AT 700MHz 5V
HIGH PERFORMANCE
REGULAR ATTENUATOR
AMPLIFIER CASCADE
–10
–5
0
5
10
15
20
25
30 32
Figure 64. Noise Figure vs. Gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com