Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5206ACPZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADL5206ACPZ-R7
Description  1.0 GHz DGA with 30 dB Range and 1 dB Step Size
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5206ACPZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADL5206ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADL5206ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5206ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5206ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5206ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5206ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5206ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5206ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5206ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
Data Sheet
ADL5206
Rev. 0 | Page 5 of 25
3.3 V Supply1
5 V Supply1
Parameter2
Test Conditions/Comments
Min Typ
Max
Min
Typ
Max Unit
DIGITAL INTERFACE
Input Voltage
MODE1, MODE0, PWUP,
LATCH, and SDIO pins
Logic High (VIH)
2
VPOS
2
3.3
V
Logic Low (VIL)
0
1.0
0
1.0
V
Input Leakage Current
Digital VIN = 0 V to 3.3 V
±3
±3
µA
Output Voltage
SDIO pin
Logic High (VOH)
Output high current (IOH) = −2 mA
2.4
2.4
2.4
Logic Low (VOL)
Output low current (IOL) = 2 mA
0.5
0.5
POWER INTERFACE
Supply Voltage (VPOS)
VPOS pin
3.15 3.3
3.45
4.75
5
5.25
V
Quiescent Current
87
112
mA
Power-Down Current
PWUP pin = low
8
8
mA
1
The 3.3 V supply is low power mode, and the 5 V supply is high performance mode.
2
When referring to a single function of a multifunction pin in the specifications table, only the portion of the pin name that is relevant to the specification is listed. For
full pin names of multifunction pins, refer to the Pin Configuration and Function Descriptions section.
3
The maximum input swing of 6.2 V p-p is for the lowest gain setting of 2 dB. As the gain setting increases, the maximum input swing must be reduced correspondingly
to maintain the same maximum output swing. The maximum output swing is based on P1dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com