Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA1105ACGZN-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADPA1105ACGZN-R7
Description  46 dBm (40 W), 0.9 GHz to 1.6 GHz, GaN Power Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA1105ACGZN-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADPA1105ACGZN-R7 Datasheet HTML 1Page - Analog Devices ADPA1105ACGZN-R7 Datasheet HTML 2Page - Analog Devices ADPA1105ACGZN-R7 Datasheet HTML 3Page - Analog Devices ADPA1105ACGZN-R7 Datasheet HTML 4Page - Analog Devices ADPA1105ACGZN-R7 Datasheet HTML 5Page - Analog Devices ADPA1105ACGZN-R7 Datasheet HTML 6Page - Analog Devices ADPA1105ACGZN-R7 Datasheet HTML 7Page - Analog Devices ADPA1105ACGZN-R7 Datasheet HTML 8Page - Analog Devices ADPA1105ACGZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Data Sheet
ADPA1105
Rev. 0 | Page 5 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
17
1
3
4
2
GND
NC
NC
RFIN
5
6
RFIN
GND
7
NC
8
GND
GND
18 NC
19 GND
20 RFOUT
21 RFOUT
22 NC
23 NC
24 GND
ADPA1105
TOP VIEW
(Not to Scale)
NOTES
1. THE NC PINS ARE NOT CONNECTED INTERNALLY.
HOWEVER, ALL DATA SHOWN IS MEASURED
WITH THE NC PINS CONNECTED TO RF AND DC
GROUND EXTERNALLY.
2. EXPOSED PAD. THE EXPOSED PAD MUST BE
CONNECTED TO RF AND DC GROUND.
Figure 2. Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 6, 8, 9, 16, 17, 19,
24, 25, 32
GND
The GND pins must be connected to RF and dc ground. See Figure 6 for the interface schematic.
2, 3, 7, 12, 13, 18, 22,
23, 26, 27, 29, 30
NC
The NC pins are not connected internally. However, all data shown is measured with the NC pins
connected to RF and dc ground externally.
4, 5
RFIN
RF Input. The RFIN pins are ac-coupled and are matched to 50 Ω. See Figure 3 for the interface schematic.
10
VGG1
Gate Control, First Stage Gate Bias. See Figure 3 for the interface schematic.
11
VGG2
Gate Control, Second Stage Gate Bias. See Figure 4 for the interface schematic.
14
VDET
Detector Diode to Measure RF Output Power. Output power detection via VDET requires the application
of a dc bias voltage through an external series resistor. Used in combination with the VREF pin, the
difference in voltage (VREF − VDET) is a temperature compensated dc voltage that is proportional to
the RF output power.
15
VREF
Reference Diode for Temperature Compensation of VDET RF Output Power Measurements. VREF
requires the application of a dc bias voltage through an external series resistor.
20, 21
RFOUT
RF Output. The RFOUT pins are ac-coupled and are matched to 50 Ω. See Figure 4 for the interface schematic.
28
VDD2
Amplifier Power Supply Voltage, Second Stage Drain Bias. See Figure 4 for the interface schematic.
31
VDD1
Amplifier Power Supply Voltage, First Stage Drain Bias. See Figure 3 for the interface schematic.
EPAD
Exposed Pad. The exposed pad must be connected to RF and dc ground.
INTERFACE SCHEMATICS
VDD1
VGG1
RFIN
Figure 3. RFIN, VGG1, and VDD1 Interface
RFOUT
VDET
VGG2
VDD2
Figure 4. RFOUT, VGG2, VDD2, and VDET Interface
VREF
Figure 5. VREF Interface
GND
Figure 6. GND Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com