Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA1105ACGZN-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADPA1105ACGZN-R7
Description  46 dBm (40 W), 0.9 GHz to 1.6 GHz, GaN Power Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA1105ACGZN-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADPA1105ACGZN-R7 Datasheet HTML 2Page - Analog Devices ADPA1105ACGZN-R7 Datasheet HTML 3Page - Analog Devices ADPA1105ACGZN-R7 Datasheet HTML 4Page - Analog Devices ADPA1105ACGZN-R7 Datasheet HTML 5Page - Analog Devices ADPA1105ACGZN-R7 Datasheet HTML 6Page - Analog Devices ADPA1105ACGZN-R7 Datasheet HTML 7Page - Analog Devices ADPA1105ACGZN-R7 Datasheet HTML 8Page - Analog Devices ADPA1105ACGZN-R7 Datasheet HTML 9Page - Analog Devices ADPA1105ACGZN-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADPA1105
Data Sheet
Rev. 0 | Page 6 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
40
–20
0.8
1.8
FREQUENCY (GHz)
–15
–10
–5
0
5
10
15
20
25
30
35
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
SMALL SIGNAL GAIN
INPUT RETURN LOSS
OUTPUT RETURN LOSS
Figure 7. Small Signal Gain and Return Loss vs. Frequency
0
–16
–18
–20
-14
-12
-10
-8
-6
-4
-2
+85°C
+25°C
–40°C
0.9
1.6
FREQUENCY (GHz)
1.01.1
1.21.3
1.41.5
Figure 8. Input Return Loss vs. Frequency at Various Temperatures
38
26
24
28
30
32
34
36
0.9
1.6
FREQUENCY (GHz)
1.01.1
1.21.3
1.41.5
50V
45V
40V
Figure 9. Small Signal Gain vs. Frequency at Various Supply Voltages,
IDQ = 400 mA
38
26
24
28
30
32
34
36
0.9
1.6
FREQUENCY (GHz)
1.01.1
1.21.3
1.41.5
+85°C
+25°C
–40°C
Figure 10. Small Signal Gain vs. Frequency at Various Temperatures
0
–10
–12
–8
–6
–4
–2
0.9
1.6
FREQUENCY (GHz)
1.01.1
1.21.3
1.41.5
+85°C
+25°C
–40°C
Figure 11. Output Return Loss vs. Frequency at Various Temperatures
38
26
24
28
30
32
34
36
0.9
1.6
FREQUENCY (GHz)
1.01.1
1.21.3
1.41.5
500mA
400mA
300mA
Figure 12. Small Signal Gain vs. Frequency at Various IDQ, VDD1 and VDD2 = 50 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com