Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA1105ACGZN-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADPA1105ACGZN-R7
Description  46 dBm (40 W), 0.9 GHz to 1.6 GHz, GaN Power Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA1105ACGZN-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADPA1105ACGZN-R7 Datasheet HTML 8Page - Analog Devices ADPA1105ACGZN-R7 Datasheet HTML 9Page - Analog Devices ADPA1105ACGZN-R7 Datasheet HTML 10Page - Analog Devices ADPA1105ACGZN-R7 Datasheet HTML 11Page - Analog Devices ADPA1105ACGZN-R7 Datasheet HTML 12Page - Analog Devices ADPA1105ACGZN-R7 Datasheet HTML 13Page - Analog Devices ADPA1105ACGZN-R7 Datasheet HTML 14Page - Analog Devices ADPA1105ACGZN-R7 Datasheet HTML 15Page - Analog Devices ADPA1105ACGZN-R7 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
ADPA1105
Data Sheet
Rev. 0 | Page 16 of 16
OUTLINE DIMENSIONS
1
0.50
BSC
BOTTOM VIEW
TOP VIEW
SIDE VIEW
PIN 1
INDICATOR
32
9
16
17
24
25
8
0.30
0.25
0.20
5.10
5.00 SQ
4.90
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
0.45
0.40
0.35
3.20
3.10 SQ
3.00
3.50 REF
EXPOSED
PAD
1.35
1.25
1.15
0.050 MAX
0.035 NOM
0.203 REF
0.40
0.60 REF
COPLANARITY
0.08
SEATING
PLANE
PIN 1
INDICATOR AREA OPTIONS
(SEE DETAIL A)
DETAIL A
(JEDEC 95)
Figure 53. 32-Lead Lead frame Chip Scale Package, Premolded Cavity [LFCSP_CAV]
5 mm × 5 mm Body and 1.25 mm Package Height
(CG-32-2)
Dimensions shown in millimeters
ORDERING GUIDE
Model1, 2, 3
Temperature
MSL Rating4
Package Description
Package Option
ADPA1105ACGZN
−40°C to
+85°C
MSL3
32-Lead Lead Frame Chip Scale Package, Premolded Cavity
[LFCSP_CAV]
CG-32-2
ADPA1105ACGZN-R7
−40°C to
+85°C
MSL3
32-Lead Lead Frame Chip Scale Package, Premolded Cavity
[LFCSP_CAV]
CG-32-2
ADPA1105-EVALZ
Evaluation Board
1 All models are RoHS compliant parts.
2 The lead finish of the ADPA1105ACGZN and the ADPA1105ACGZN-R7 is nickel palladium gold (NiPdAu).
3 When ordering the evaluation board, use the reference model number ADPA1105-EVALZ.
4 See the Absolute Maximum Ratings section for more information.
©2020 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D21925-10/20(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com