Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA1105ACGZN-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADPA1105ACGZN-R7
Description  46 dBm (40 W), 0.9 GHz to 1.6 GHz, GaN Power Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA1105ACGZN-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADPA1105ACGZN-R7 Datasheet HTML 5Page - Analog Devices ADPA1105ACGZN-R7 Datasheet HTML 6Page - Analog Devices ADPA1105ACGZN-R7 Datasheet HTML 7Page - Analog Devices ADPA1105ACGZN-R7 Datasheet HTML 8Page - Analog Devices ADPA1105ACGZN-R7 Datasheet HTML 9Page - Analog Devices ADPA1105ACGZN-R7 Datasheet HTML 10Page - Analog Devices ADPA1105ACGZN-R7 Datasheet HTML 11Page - Analog Devices ADPA1105ACGZN-R7 Datasheet HTML 12Page - Analog Devices ADPA1105ACGZN-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Data Sheet
ADPA1105
Rev. 0 | Page 9 of 16
70
0
0.9
1.6
FREQUENCY (GHz)
10
20
30
40
50
60
1.01.1
1.21.3
1.41.5
50V
45V
40V
Figure 25. PAE vs. Frequency at Various Supply Voltages, PIN = 19 dBm,
IDQ = 400 mA
32
16
0.9
1.6
FREQUENCY (GHz)
1.01.1
1.21.3
1.41.5
18
20
22
24
26
28
30
50V
45V
40V
Figure 26. Gain vs. Frequency at Various Supply Voltages, PIN = 16 dBm,
IDQ = 400 mA
47
40
41
42
43
44
45
46
0.9
1.6
FREQUENCY (GHz)
1.01.1
1.21.3
1.41.5
500mA
400mA
300mA
Figure 27. POUT vs. Frequency at Various IDQ Supply Currents, PIN = 16 dBm,
VDD = 50 V
32
16
0.9
1.6
FREQUENCY (GHz)
1.01.1
1.21.3
1.41.5
18
20
22
24
26
28
30
50V
45V
40V
Figure 28. Gain vs. Frequency at Various Supply Voltages, PIN = 19 dBm,
IDQ = 400 mA
47
40
41
42
43
44
45
46
0.9
1.6
FREQUENCY (GHz)
1.01.1
1.21.3
1.41.5
500mA
400mA
300mA
Figure 29. POUT vs. Frequency at Various IDQ Supply Currents, PIN = 19 dBm,
VDD = 50 V
70
0
0.9
1.6
FREQUENCY (GHz)
10
20
30
40
50
60
1.01.1
1.21.3
1.41.5
500mA
400mA
300mA
Figure 30. PAE vs. Frequency at Various IDQ Supply Currents, PIN = 16 dBm,
VDD = 50 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com