Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA1105ACGZN-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADPA1105ACGZN-R7
Description  46 dBm (40 W), 0.9 GHz to 1.6 GHz, GaN Power Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA1105ACGZN-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADPA1105ACGZN-R7 Datasheet HTML 6Page - Analog Devices ADPA1105ACGZN-R7 Datasheet HTML 7Page - Analog Devices ADPA1105ACGZN-R7 Datasheet HTML 8Page - Analog Devices ADPA1105ACGZN-R7 Datasheet HTML 9Page - Analog Devices ADPA1105ACGZN-R7 Datasheet HTML 10Page - Analog Devices ADPA1105ACGZN-R7 Datasheet HTML 11Page - Analog Devices ADPA1105ACGZN-R7 Datasheet HTML 12Page - Analog Devices ADPA1105ACGZN-R7 Datasheet HTML 13Page - Analog Devices ADPA1105ACGZN-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADPA1105
Data Sheet
Rev. 0 | Page 10 of 16
70
0
0.9
1.6
FREQUENCY (GHz)
10
20
30
40
50
60
1.01.1
1.21.3
1.41.5
500mA
400mA
300mA
Figure 31. PAE vs. Frequency at Various IDQ Supply Currents, PIN = 19 dBm,
VDD = 50 V
32
16
0.9
1.6
FREQUENCY (GHz)
1.01.1
1.21.3
1.41.5
18
20
22
24
26
28
30
500mA
400mA
300mA
Figure 32. Gain vs. Frequency at Various IDQ Supply Currents, PIN = 16 dBm,
VDD = 50 V
47
39
0.9
1.6
FREQUENCY (GHz)
1.01.1
1.21.3
1.41.5
40
41
42
43
44
45
46
PW = 500µs, DUTY CYCLE = 20%
PW = 200µs, DUTY CYCLE = 20%
PW = 100µs, DUTY CYCLE = 10%
PW = 50µs, DUTY CYCLE = 5%
PW = 20µs, DUTY CYCLE = 2%
Figure 33. POUT vs. Frequency at Various Pulse Widths (PW)
and Duty Cycles, PIN = 16 dBm
32
16
0.9
1.6
FREQUENCY (GHz)
1.01.1
1.21.3
1.41.5
18
20
22
24
26
28
30
500mA
400mA
300mA
Figure 34. Gain vs. Frequency at Various IDQ Currents,
PIN = 19 dBm
47
41
0.9
1.6
FREQUENCY (GHz)
1.01.1
1.21.3
1.41.5
42
43
44
45
46
PW = 500µs, DUTY CYCLE = 20%
PW = 200µs, DUTY CYCLE = 20%
PW = 100µs, DUTY CYCLE = 10%
PW = 50µs, DUTY CYCLE = 5%
PW = 20µs, DUTY CYCLE = 2%
Figure 35. POUT vs. Frequency at Various Pulse Widths
and Duty Cycles, PIN = 19 dBm
70
0
10
20
30
40
50
60
0.9
1.6
FREQUENCY (GHz)
1.01.1
1.21.3
1.41.5
PW = 500µs, DUTY CYCLE = 20%
PW = 200µs, DUTY CYCLE = 20%
PW = 100µs, DUTY CYCLE = 10%
PW = 50µs, DUTY CYCLE = 5%
PW = 20µs, DUTY CYCLE = 2%
Figure 36. PAE vs. Frequency at Various Pulse Widths
and Duty Cycles, PIN = 16 dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com