Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA1105ACGZN-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADPA1105ACGZN-R7
Description  46 dBm (40 W), 0.9 GHz to 1.6 GHz, GaN Power Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA1105ACGZN-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADPA1105ACGZN-R7 Datasheet HTML 8Page - Analog Devices ADPA1105ACGZN-R7 Datasheet HTML 9Page - Analog Devices ADPA1105ACGZN-R7 Datasheet HTML 10Page - Analog Devices ADPA1105ACGZN-R7 Datasheet HTML 11Page - Analog Devices ADPA1105ACGZN-R7 Datasheet HTML 12Page - Analog Devices ADPA1105ACGZN-R7 Datasheet HTML 13Page - Analog Devices ADPA1105ACGZN-R7 Datasheet HTML 14Page - Analog Devices ADPA1105ACGZN-R7 Datasheet HTML 15Page - Analog Devices ADPA1105ACGZN-R7 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
Data Sheet
ADPA1105
Rev. 0 | Page 15 of 16
THERMAL MANAGEMENT
Proper thermal management is critical to achieve the specified
performance and rated operating life. Pulsed biasing is required
to limit the average power dissipated and maintain a safe channel
temperature. The channel (or die) temperature correlates
closely with the mean time to failure.
Consider a continuous bias case (see Figure 51). When bias is
applied, the channel temperature (TCHAN) of the device rises
through a turn on transient interval and eventually settles to a
steady state value. Calculate the θJC thermal resistance of the
device as the rise in TCHAN above the starting TBASE divided by the
total device PDISS with the following equation:
θJC = tRISE/PDISS
(1)
where:
tRISE is the peak rise in the TCHAN of the device above the TBASE (°C).
PDISS is the power dissipation (W) of the device.
tRISE = θJC × PDISS
TCHAN
TBASE
TIME
Figure 51. Continuous Bias
Next, consider a pulsed bias case at low duty cycle (see Figure 52).
When bias is applied, the TCHAN of the device can be described
as a series of exponentially rising and decaying pulses. The peak
channel temperature reached during consecutive pulses increases
during the turn on transient interval, and eventually settles to a
steady state condition where peak channel temperatures from
pulse to pulse stabilize.
tRISE = θJC × PDISS
TCHAN
TBASE
POWER DISSIPATED
DURING THE PULSE
TIME
Figure 52. Pulsed Bias at Low Duty Cycle
Transient thermal measurements were performed on the
ADPA1105 amplifier at several different bias pulse widths and
duty cycles to obtain the thermal resistance values listed in Table 7.
Table 7. Pulse Settings and Thermal Resistance Values
Pulse Settings
θJC (°C/W)
Pulse Width (μs)
Duty Cycle (%)
100
10
2.11
200
20
2.82
300
30
3.54
Narrower pulse widths and/or lower duty cycles can result in
greater reliability.
The ADPA1105 amplifier is designed for low duty cycle pulsed
applications. However, there can be brief periods of time when
the device operates (perhaps accidently) under continuous
bias conditions. The thermal resistance increases to 6.5°C/W
under these conditions. Even at the nominal quiescent bias
VDD1 and VDD2 = 50 V and IDD = 0.4 A), the 20 W power
dissipation results in a 130°C channel temperature rise above
the base temperature. Use extreme caution in this case to ensure
that the device does not exceed the device maximum reliable
channel temperature of 200°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com