Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5515BCPZN-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADRF5515BCPZN-R7
Description  Dual-Channel, 3.3 GHz to 4.0 GHz, 20 W Receiver Front End
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5515BCPZN-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADRF5515BCPZN-R7 Datasheet HTML 1Page - Analog Devices ADRF5515BCPZN-R7 Datasheet HTML 2Page - Analog Devices ADRF5515BCPZN-R7 Datasheet HTML 3Page - Analog Devices ADRF5515BCPZN-R7 Datasheet HTML 4Page - Analog Devices ADRF5515BCPZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5515BCPZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5515BCPZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5515BCPZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5515BCPZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
ADRF5515
Data Sheet
Rev. 0 | Page 4 of 15
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
At ANT-CHA, ANT-CHB
PD-CHAB = 0 V, BP-CHA = BP-CHB = 5 V
9 dB PAR LTE full lifetime average, 3.3 GHz to 4.0 GHz
43
dBm
7 dB PAR LTE single event (<10 sec) average1
46
dBm
TCASE Range2
−40
+105
°C
Junction Temperature at Maximum TCASE
Receive operation3
132
°C
Transmit operation3
134
°C
DIGITAL INPUT
SWCTRL-CHAB, PD-CHAB
Low (VIL)
0
0.7
V
High (VIH)
1.4
VDD
V
BP-CHA, BP-CHB
Low (VIL)
0
0.3
V
High (VIH)
1.0
VDD
V
SUPPLY CURRENT (IDD)
VDD1-CHx and VDD2-CHx = 5 V per channel
High Gain Mode
86
mA
Low Gain Mode
36
mA
Power-Down Mode
12
mA
Transmitter Current (Switch)
SWVDD-CHAB = 5 V
1.3
mA
DIGITAL INPUT CURRENTS
SWCTRL-CHAB, PD-CHAB, BP-CHA, BP-CHB = 5 V per
channel
SWCTRL-CHAB
0.084
mA
PD-CHAB
0.19
mA
BP-CHA, BP-CHB
0.19
mA
1
Peak power >53 dBm has not been evaluated.
2
Measured at the exposed pad.
3
See Table 5 and Table 6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com