Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5515BCPZN-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADRF5515BCPZN-R7
Description  Dual-Channel, 3.3 GHz to 4.0 GHz, 20 W Receiver Front End
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5515BCPZN-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADRF5515BCPZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5515BCPZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5515BCPZN-R7 Datasheet HTML 9Page - Analog Devices ADRF5515BCPZN-R7 Datasheet HTML 10Page - Analog Devices ADRF5515BCPZN-R7 Datasheet HTML 11Page - Analog Devices ADRF5515BCPZN-R7 Datasheet HTML 12Page - Analog Devices ADRF5515BCPZN-R7 Datasheet HTML 13Page - Analog Devices ADRF5515BCPZN-R7 Datasheet HTML 14Page - Analog Devices ADRF5515BCPZN-R7 Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
ADRF5515
Data Sheet
Rev. 0 | Page 12 of 15
TRANSMIT OPERATION
0
–3.0
–2.5
–2.0
–1.5
–1.0
–0.5
1.0
6.0
FREQUENCY (GHz)
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
+105°C
+25°C
–40°C
Figure 23. Insertion Loss vs. Frequency at Various Temperatures
0
–40
1.0
6.0
FREQUENCY (GHz)
–35
–30
–25
–20
–15
–10
–5
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
+105°C
+25°C
–40°C
+105°C
+25°C
–40°C
INPUT
OUTPUT
Figure 24. Input/Output Return Loss vs. Frequency at Various Temperatures
–20
–100
–90
–80
–70
–60
–50
–40
–30
1.0
6.0
FREQUENCY (GHz)
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Figure 25. Isolation Between TERM-CHA to TERM-CHB vs. Frequency
0
–40
1.0
6.0
FREQUENCY (GHz)
–35
–30
–25
–20
–15
–10
–5
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
+105°C
+25°C
–40°C
Figure 26. Antenna to Termination Isolation vs. Frequency at Various
Temperatures, LNA On



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com