Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5515BCPZN-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADRF5515BCPZN-R7
Description  Dual-Channel, 3.3 GHz to 4.0 GHz, 20 W Receiver Front End
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5515BCPZN-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADRF5515BCPZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5515BCPZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5515BCPZN-R7 Datasheet HTML 9Page - Analog Devices ADRF5515BCPZN-R7 Datasheet HTML 10Page - Analog Devices ADRF5515BCPZN-R7 Datasheet HTML 11Page - Analog Devices ADRF5515BCPZN-R7 Datasheet HTML 12Page - Analog Devices ADRF5515BCPZN-R7 Datasheet HTML 13Page - Analog Devices ADRF5515BCPZN-R7 Datasheet HTML 14Page - Analog Devices ADRF5515BCPZN-R7 Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
ADRF5515
Data Sheet
Rev. 0 | Page 14 of 15
APPLICATIONS INFORMATION
To generate the evaluation PCB used in a typical application
circuit (see the ADRF5515-EVALZ user guide for more
information), use proper RF circuit design techniques. Signal
lines at the RF port must have a 50 Ω impedance, and the
package ground leads and the backside ground slug must
connect directly to the ground plane. Use 300 Ω series resistors
on the BP-CHx and PD-CHAB digital control pins for glitch and
overcurrent protection. The evaluation board shown in Figure 27
is available from Analog Devices, Inc., on request. See the
ADRF5515-EVALZ user guide for additional information on
the evaluation board.
Figure 27. ADRF5515-EVALZ Evaluation Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com