Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5515BCPZN-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADRF5515BCPZN-R7
Description  Dual-Channel, 3.3 GHz to 4.0 GHz, 20 W Receiver Front End
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5515BCPZN-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADRF5515BCPZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5515BCPZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5515BCPZN-R7 Datasheet HTML 9Page - Analog Devices ADRF5515BCPZN-R7 Datasheet HTML 10Page - Analog Devices ADRF5515BCPZN-R7 Datasheet HTML 11Page - Analog Devices ADRF5515BCPZN-R7 Datasheet HTML 12Page - Analog Devices ADRF5515BCPZN-R7 Datasheet HTML 13Page - Analog Devices ADRF5515BCPZN-R7 Datasheet HTML 14Page - Analog Devices ADRF5515BCPZN-R7 Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Data Sheet
ADRF5515
Rev. 0 | Page 13 of 15
THEORY OF OPERATION
The ADRF5515 requires a positive supply voltage applied to
VDD1-CHA, VDD2-CHA, VDD1-CHB, VDD2-CHB, and
SWVDD-CHAB. Use bypassing capacitors on the supply lines
to filter noise and use 300 Ω series resistors on the BP-CHx and
PD-CHAB digital control pins for glitch and overcurrent
protection.
SIGNAL PATH SELECT
The ADRF5515 supports transmit operations when 5 V is
applied to SWCTRL-CHAB. In transmit operation, when an RF
input is applied to ANT-CHA and ANT-CHB, the signal paths
are connected from ANT-CHA to TERM-CHA and from
ANT-CHB to TERM-CHB.
The ADRF5515 supports receive operations when 0 V is
applied to SWCTRL-CHAB. In receive operation, an RF input
applied at ANT-CHA and ANT-CHB connects ANT-CHA to
RXOUT-CHA and ANT-CHB to RXOUT-CHB.
Transmit Operation
The ADRF5515 supports insertion loss mode and isolation
mode when in transmit operation, that is, when SWCTRL-
CHAB = 5 V. As detailed in Table 7, with PD-CHAB set to 5 V
and BP-CHA or BP-CHB set to 0 V, insertion loss mode is
selected. Under the same circumstances, isolation mode is
selected by applying 0 V to PD-CHAB.
Receive Operation
The ADRF5515 supports high gain mode, low gain mode,
power-down high isolation mode, and power-down low
isolation mode in receive operation, as detailed in Table 7.
When 0 V is applied to PD-CHAB, the LNA is powered up and
the user can select high gain mode or low gain mode. To select
high gain mode, apply 0 V to BP-CHA or BP-CHB. To select
low gain mode, apply 5 V to BP-CHA or BP-CHB.
When 5 V is applied to PD-CHAB, the ADRF5515 enters
power-down mode. To select power-down high isolation mode,
apply 0 V to BP-CHA or BP-CHB. To select power-down low
isolation mode, apply 5 V to BP-CHA or BP-CHB.
BIASING SEQUENCE
To bias up the ADRF5515, perform the following steps:
1. Connect GND to ground.
2. Bias up VDD1-CHA, VDD2-CHA, VDD1-CHB,
VDD2 CHB, and SWVDD-CHAB.
3. Bias up SWCTRL-CHAB.
4. Bias up PD-CHAB.
5. Bias up BP-CHA and BP-CHB.
6. Apply an RF input signal.
To bias down, perform these steps in the reverse order.
Table 6. Truth Table: Signal Path
Signal Path Select
SWCTRL-CHAB
Transmit Operation1
Receive Operation
Low
Off
On
High
On
Off
1
See the signal path descriptions in Table 6.
Table 7. Truth Table: Operation, SWCTRL-CHAB = Low
Operation
PD-CHAB
BP-CHA, BP-CHB
Signal Path
Receive Operation
ANT-CHA to RXOUT-CHA, ANT-CHB to RXOUT-CHB
High Gain Mode
Low
Low
Low Gain Mode
Low
High
Power-Down High Isolation Mode
High
Low
Power-Down Low Isolation Mode
High
High



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com