Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5515BCPZN-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADRF5515BCPZN-R7
Description  Dual-Channel, 3.3 GHz to 4.0 GHz, 20 W Receiver Front End
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5515BCPZN-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADRF5515BCPZN-R7 Datasheet HTML 1Page - Analog Devices ADRF5515BCPZN-R7 Datasheet HTML 2Page - Analog Devices ADRF5515BCPZN-R7 Datasheet HTML 3Page - Analog Devices ADRF5515BCPZN-R7 Datasheet HTML 4Page - Analog Devices ADRF5515BCPZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5515BCPZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5515BCPZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5515BCPZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5515BCPZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Dual-Channel, 3.3 GHz to 4.0 GHz,
20 W Receiver Front End
Data Sheet
ADRF5515
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rights of third parties that may result from its use. Specifications subject to change without notice.
No license is granted by implication or otherwise under any patent or patent rights of Analog
Devices.Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2020 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Integrated dual-channel RF front end
2-stage LNA and high power silicon SPDT switch
On-chip bias and matching
Single-supply operation
Gain
High gain mode: 33 dB typical at 3.6 GHz
Low gain mode: 16 dB typical at 3.6 GHz
Low noise figure
High gain mode: 1.0 dB typical at 3.6 GHz
Low gain mode: 1.0 dB typical at 3.6 GHz
High isolation
RXOUT-CHA and RXOUT-CHB: 45 dB typical
TERM-CHA and TERM-CHB: 60 dB typical
Low insertion loss: 0.45 dB typical at 3.6 GHz
High power handling at TCASE = 105°C
Full lifetime
LTE average power (9 dB PAR): 43 dBm
High OIP3 (high gain mode): 32 dBm typical
Power-down mode and low gain mode for LNA
Low supply current
High gain mode: 86 mA typical at 5 V
Low gain mode: 36 mA typical at 5 V
Power-down mode: 12 mA typical at 5 V
Positive logic control
6 mm × 6 mm, 40-lead LFCSP
Pin compatible with the ADRF5545A, 10 W version
APPLICATIONS
Wireless infrastructure
TDD massive multiple input and multiple output and active
antenna systems
TDD-based communication systems
GENERAL DESCRIPTION
The ADRF5515 is a dual-channel, integrated RF, front-end,
multichip module designed for time division duplexing (TDD)
applications. The device operates from 3.3 GHz to 4.0 GHz.
The ADRF5515 is configured in dual channels with a cascading,
two-stage, LNA and a high power silicon SPDT switch.
In high gain mode, the cascaded two-stage LNA and switch
offer a low noise figure of 1.0 dB and a high gain of 33 dB at
3.6 GHz with an output third-order intercept point (OIP3) of
32 dBm (typical). In low gain mode, one stage of the two-stage
LNA is in bypass, providing 16 dB of gain at a lower current of
36 mA. In power-down mode, the LNAs are turned off and the
device draws 12 mA.
FUNCTIONAL BLOCK DIAGRAM
1
GND
2
GND
3
ANT-CHA
4
GND
5
SWCTRL-CHAB
6
SWVDD-CHAB
7
GND
8
ANT-CHB
9
GND
10
GND
23 GND
24 BP-CHB
25 NIC
26 PD-CHAB
27 BP-CHA
28 GND
29 RXOUT-CHA
30 GND
22 RXOUT-CHB
21 GND
ADRF5515
Figure 1.
In transmit operation, when RF inputs are connected to a
termination pin (TERM-CHA or TERM-CHB), the switch
provides low insertion loss of 0.45 dB and handles long-term
evolution (LTE) average power (9 dB peak to average ratio
(PAR)) of 43 dBm for full lifetime operation.
The ADRF5515 is pin-compatible with the ADRF5545A, 10 W
version, which operates from 2.4 GHz to 4.2 GHz.
The ADRF5515 does not require any matching components at
the RF ports that are internally matched to 50 Ω. The ANT and
TERM ports are also internally ac-coupled. Therefore, only
receiver ports require external dc blocking capacitors.
The device comes in an RoHS compliant, compact, 6 mm ×
6 mm, 40-lead LFCSP.


Similar Part No. - ADRF5515BCPZN-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF5515A AD-ADRF5515A Datasheet
1Mb / 15P
Dual-Channel, 3.3 GHz to 4.0 GHz, 20 W Receiver Front End
6/2021-Revision 0
ADRF5515A-EVALZ AD-ADRF5515A-EVALZ Datasheet
1Mb / 15P
Dual-Channel, 3.3 GHz to 4.0 GHz, 20 W Receiver Front End
6/2021-Revision 0
ADRF5515ABCPZN AD-ADRF5515ABCPZN Datasheet
1Mb / 15P
Dual-Channel, 3.3 GHz to 4.0 GHz, 20 W Receiver Front End
6/2021-Revision 0
ADRF5515ABCPZN-R7 AD-ADRF5515ABCPZN-R7 Datasheet
1Mb / 15P
Dual-Channel, 3.3 GHz to 4.0 GHz, 20 W Receiver Front End
6/2021-Revision 0
ADRF5515ABCPZN-RL AD-ADRF5515ABCPZN-RL Datasheet
1Mb / 15P
Dual-Channel, 3.3 GHz to 4.0 GHz, 20 W Receiver Front End
6/2021-Revision 0
More results

Similar Description - ADRF5515BCPZN-R7

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
SE7351L SIGE-SE7351L Datasheet
57Kb / 2P
3.3-3.8 GHz Front-End Transceiver
logo
Analog Devices
ADRF5545A AD-ADRF5545A Datasheet
810Kb / 20P
Dual-Channel, 2.4 GHz to 4.2 GHz Receiver Front End
May-2019
ADRF5519 AD-ADRF5519 Datasheet
1Mb / 16P
Dual-Channel, 2.3 GHz to 2.8 GHz, 20 W Receiver Front End
4/2021-Revision 0
ADRF5547 AD-ADRF5547 Datasheet
320Kb / 15P
Dual-Channel, 3.7 GHz to 5.3 GHz, Receiver Front End
6/2020-Rev. 0 to Rev. A
ADRF5549 AD-ADRF5549 Datasheet
325Kb / 15P
Dual-Channel, 1.8 GHz to 2.8 GHz, Receiver Front End
6/2020-Rev. 0 to Rev. A
ADTR1107 AD-ADTR1107 Datasheet
929Kb / 28P
6 GHz to 18 GHz, Front-End IC
4/2020-Rev. 0 to Rev. A
ADRF5515A AD-ADRF5515A Datasheet
1Mb / 15P
Dual-Channel, 3.3 GHz to 4.0 GHz, 20 W Receiver Front End
6/2021-Revision 0
logo
NXP Semiconductors
BTS7203U NXP-BTS7203U Datasheet
343Kb / 22P
3.3 GHz - 4.2 GHz RX Analog Front-End IC
Rev. 6.1-29 October 2021
logo
Analog Devices
ADRF5534 AD-ADRF5534 Datasheet
685Kb / 11P
3.1 GHz to 4.2 GHz, Receiver Front End
Rev. 0
logo
NXP Semiconductors
BTS7202U NXP-BTS7202U Datasheet
494Kb / 24P
3.3 GHz – 4.2 GHz RX Front-End Module
Rev. 6 - 2 February 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com