Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STI5500 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STI5500
Description  SET TOP BOX / DVD BACKEND DECODER WITH INTEGRATED HOST PROCESSOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STI5500 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STI5500 Datasheet HTML 3Page - STMicroelectronics STI5500 Datasheet HTML 4Page - STMicroelectronics STI5500 Datasheet HTML 5Page - STMicroelectronics STI5500 Datasheet HTML 6Page - STMicroelectronics STI5500 Datasheet HTML 7Page - STMicroelectronics STI5500 Datasheet HTML 8Page - STMicroelectronics STI5500 Datasheet HTML 9Page - STMicroelectronics STI5500 Datasheet HTML 10Page - STMicroelectronics STI5500 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
CO
NFI
DE
NTI
AL
III.5.8 - PWM and Counter Module
This unit includes three separate pulse width
modulator (PWM) generators using a shared
counter, and three timer compare and capture
channels sharing a second counter.
The counters can be clocked from a pre-scaled
internal clock or from a pre-scaled external clock
via the capture clock input and the event on which
the timer value is captured is also programmable.
The PWM counters are 8-bit with 8-bit registers to set
the output high time. The capture/compare counter
and the compare and capture registers are 32-bit.
III.5.9 - Parallel Programmable IO Module
Forty bits of parallel IO are provided. Each bit is
programmable as an output or an input. The output
can be configured as a totem pole or open drain
driver. Input compare logic is provided which can
generate an interrupt on any change on any input bit.
Many pins of the STi5500 device are multi-function
and can either be configured as PIO or connected
to an internal peripheral signal.
III.5.10 - MPEG Video Decoder
The video decoder is a real-time video compression
processor supporting the MPEG-1 and MPEG-2
standards at video rates up to 720 x 480 x 60 Hz and
720 x 576 x 50Hz. Picture format conversionfor display
is performed by vertical and horizontal filters. User-de-
fined bitmaps may be superimposed on the display
picture through use of the on-screen display function.
III.5.11 - PAL/NTSC encoder
The digital encoder which is integrated in the STi5500
produces, from a multiplexed 4:2:2 YUV stream
simultainious RGB,CVBS and component outputs
on two triple DACs. The encoder can also perform
cloased-caption, CGMS or teletext encoding and
allows MacrovisionTM 7.01/6.1 copy protection.
III.5.12 - MPEG-1 Audio Decoder
The audio decoder is a fully compliant MPEG-1
decoder (Layers 1 & 2)
III.6 - STi 5500 Internal Architecture and Dataflow
Reference is made to the STi5500 internal archi-
tecture block diagram, figure 2 in this section.
The intention of the OMEGA architecture is to allow
as much flexibility as possible for a user to design
a memory system and arrange data in a manner
which best fits the system needs. There are two
main memory systems.
One dedicated to the ST20 called the ST20 EMI,
this interface can support directly SRAM, DRAM,
ROM and FLASH and a second interface which is
used by the MPEG decoders (audio and video) and
supports only SDRAM. An important architectural
feature of the device is that the SDRAM memory
can be viewed by the ST20 as an extension of it’s
own memory system. The ST20 memory arbitor
can make requests into the SDRAM arbitor which
are treated as the highest priority. A mechanism is
implemented to ensure that the microprocessor
cannot block out completely the MPEG decoder
form the SDRAM.
The STi 5500 device is divided into essentially two
main parts. The CPU system and peripherals and
the MPEG video/audio decoder system. The whole
system is built around four interconnected arbitors.
- The CPU arbitor,
- The Comunications (DMA) arbitor),
- The ST20 arbitor,
- The SDRAM arbitor.
Starting at the lowest level the CPU arbitor sched-
ules outgoing requests to the memory system com-
ing from the cache refil controller with the incoming
requests from the ST20 arbitor to the internal
SRAM.
The communications arbitor schedules all the re-
quests for access to the ST20 arbitor and conse-
quently the memory system coming from the DMA
engines. The CPU and the communications arbi-
tors consequently make requests into the the ST20
arbitor and are scheduled along with the requests
from the front-end interface in the following priority :
- Link Interface - Highest priority,
- CPU arbitor - round robin with communications
arbitor,
- Communications arbitor - round robin with CPU
arbitor,
There are four possible destinations for these three
requestors :
- Shared Memory Interface (SDRAM),
- Compressed data port,
- Register port ( for audio, video and DENC blocks),
- ST20 external memory interface.
The ST20 arbitor works like a bus in that only one
access can be on-going at any one time, however
a split-transaction scheme allows tasks to be
queued at the receivers and allows the requesters
to have multiple outstanding requests.
This means a transaction does not have to be
complete for another transaction to take place over
the arbitor. Hence, slow interfaces or transactions
do not slow down the internal communications.
III - INTERNAL CIRCUIT DESCRIPTION (continued)
STi5500
9/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com