Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STI5500 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STI5500
Description  SET TOP BOX / DVD BACKEND DECODER WITH INTEGRATED HOST PROCESSOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STI5500 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STI5500 Datasheet HTML 3Page - STMicroelectronics STI5500 Datasheet HTML 4Page - STMicroelectronics STI5500 Datasheet HTML 5Page - STMicroelectronics STI5500 Datasheet HTML 6Page - STMicroelectronics STI5500 Datasheet HTML 7Page - STMicroelectronics STI5500 Datasheet HTML 8Page - STMicroelectronics STI5500 Datasheet HTML 9Page - STMicroelectronics STI5500 Datasheet HTML 10Page - STMicroelectronics STI5500 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
CO
NFI
DE
NTI
AL
Dimensions
Ref.
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
4.10
0.0161
A1
0.25
0.010
A2
3.20
3.40
3.60
0.126
0.134
0.142
B
0.17
0.27
0.007
0.011
C
0.09
0.20
0.004
0.008
D
30.60
1.205
D1
28.00
1.102
D3
25.50
1.004
e
0.50
0.020
E
30.60
1.205
E1
28.00
1.102
E3
25.50
1.004
L
0.45
0.60
0.75
0.018
0.024
0.030
L1
1.30
0.051
K
0° (Min.), 7° (Max.)
Note : Exact shape of each corner is optional.
This device is protected by US patent numbers 4631603, 4577216 and 4819098 and other intellectual property rights. The use of
Macrovision
™’s copy protection technology in the device must be authorized by Macrovision™ and is intended for home and other limited
pay-per-view uses only, unless otherwise authorized in writing by Macrovision
™. Reverse engineering or disassembly is prohibited. Please
contact your nearest SGS-THOMSON Microelectronics sales office for more information.
PIN 1
IDENTIFICATION
E3
E1
E
B
A1
A
A2
K
C
IV - PACKAGE MECHANICAL DATA : 208 PINS - PLASTIC QUAD FLAT PACK
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsibility
for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result
from its use. No licence is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics.
Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all
information previously supplied. SGS-THOMSON Microelectronics products are not authorized for use as critical components in life
support decoders or systems without express written approval of SGS-THOMSON Microelectronics.
© 1997 SGS-THOMSON Microelectronics - All Rights Reserved
Purchase of I
2C Components of SGS-THOMSON Microelectronics, conveys a license under the Philips
I
2C Patent. Rights to use these components in a I2C system, is granted provided that the system conforms to
the I
2C Standard Specifications as defined by Philips.
SGS-THOMSON Microelectronics GROUP OF COMPANIES
Australia - Brazil - Canada - China - France - Germany - Italy - Japan - Korea - Malaysia - Malta - Morocco
The Netherlands - Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A.
STi5500
11/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com