Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STI5500 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STI5500
Description  SET TOP BOX / DVD BACKEND DECODER WITH INTEGRATED HOST PROCESSOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STI5500 Datasheet(HTML) 1 Page - STMicroelectronics

  STI5500 Datasheet HTML 1Page - STMicroelectronics STI5500 Datasheet HTML 2Page - STMicroelectronics STI5500 Datasheet HTML 3Page - STMicroelectronics STI5500 Datasheet HTML 4Page - STMicroelectronics STI5500 Datasheet HTML 5Page - STMicroelectronics STI5500 Datasheet HTML 6Page - STMicroelectronics STI5500 Datasheet HTML 7Page - STMicroelectronics STI5500 Datasheet HTML 8Page - STMicroelectronics STI5500 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
October 1997
SUMMARY
This is advance information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
CO
NFI
DE
NTI
AL
STi5500
SET TOP BOX / DVD BACKEND DECODER
WITH INTEGRATED HOST PROCESSOR
.
ENHANCED 32-BIT VL-RISC CPU
- FAST INTEGER/BIT OPERATION AND
VERY HIGH CODE DENSITY
.
HIGH
PERFORMANCE
MEMORY/CACHE
SUBSYSTEM
- 2KBYTES INSTRUCTION CACHE, 2KBYTES
SRAM, 2KBYTES DATA CACHE/SRAM
- 160MBYTES/S BANDWIDTH
.
COMBINED VIDEO AND AUDIO DECODER CORE
- VIDEO DECODER FULLY SUPPORTS
MPEG-2 MP@ML
- MEMORY REDUCTION - PAL MP@ML IN
12MBITS
- 2 TO 8 BIT PER PIXEL OSD OPTIONS
- LETTERBOX (16:9) DISPLAY FORMAT
- HORIZONTAL AND VERTICAL RESIZING
FUNCTIONS
- AUDIO DECODER SUPPORTS LAYERS
1 AND 2 OF MPEG, INTERFACE TO
EXTERNAL DOLBY AC-3
™ DECODER
.
PAL/NTSC ENCODER
- MACROVISION
™ VERSION 7.01/6.1
COMPATIBLE
- TELETEXT, AND CLOSED CAPTION
- SIMULTANEOUS OUTPUT OF RGB, CVBS
AND COMPONENT VIDEO
.
HIGH PERFORMANCE SDRAM MEMORY
INTERFACE
- SUPPORTS 1 OR 2 16MBIT 100MHz SDRAMS
- ACCESSIBLE BY MPEG DECODER, CPU
AND DMAS
- HIGH BANDWIDTH ACCESS FROM CPU
ALLOWS HIGH PERFORMANCE OSD
OPERATIONS
.
PROGRAMMABLE MEMORY INTERFACE
- 4 BANKS EACH 8/16 BITS WIDE
- S U P P O R T F O R M I X E D M E M O R Y ,
PE R I P H ERALS, DRAM AND POWER PC
.
LINK INTERFACE
- SERIAL INPUT
- SUPPORTS DSS, DVB, AND DVD
BITSTREAMS
- 32 PIDS SUPPORTED
- DES AND DVB DESCRAMBLERS
- 32 SI/PSI FILTERS OF 16 BYTES
.
VECTORED INTERRUPTS - 8 PRIORITIZED
LEVELS
.
DMA ENGINES/INTERFACES
- 2 UARTS, 1 I
2C CONTROLLER, 3 PWM
OUTPUTS, 3 TIMERS, 3 CAPTURE TIMERS
- 24 BITS OF PIO SHARED WITH SERIAL
INTERFACES
- OS LINK INTERFACE
- BLOCK MOVE DMA, 2 MPEG DMAS
- TELETEXT INTERFACE
.
PROFESSIONAL TOOLSET SUPPORT
- ANSI C COMPILER AND LIBRARIES
- INQUEST ADVANCED DEBUGGING TOOLS
.
NON-INTRUSIVE DEBUG CONTROLLER
- HARDWARE BREAKPOINTS
- REAL TIME TRACE
.
208 PIN PQFP PACKAGE
DESCRIPTION
The STi5500 is the first of a new generation of
integrated multimedia decoder engines for set top
box and DVD applications. It offers a high level of
integration by reducing the complete set top box
decoding chain from Transport Demux to
PAL/NTSC Encoder onto one chip. At the same time
it dramatically enhances CPU and Graphics per-
formance, and cuts down total system memory cost.
PQFP208
(Plastic Quad Flat Pack)
ORDER CODE : STi5500
1/11


Similar Part No. - STI5500

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STI5512 ETC-STI5512 Datasheet
110Kb / 2P
HIGH RELIABILITY FOR LOW COST WIDE FREQUENCY RANGE
logo
STMicroelectronics
STI5514 STMICROELECTRONICS-STI5514 Datasheet
58Kb / 2P
Set-top box decoder with hard disk drive capability
for digital TV, digital set-top box or cable box
Apr-2004
STI5514-DVB STMICROELECTRONICS-STI5514-DVB Datasheet
58Kb / 2P
Set-top box decoder with hard disk drive capability
for digital TV, digital set-top box or cable box
Apr-2004
STI5514-MBOARD STMICROELECTRONICS-STI5514-MBOARD Datasheet
58Kb / 2P
Set-top box decoder with hard disk drive capability
for digital TV, digital set-top box or cable box
Apr-2004
STI5514AWC STMICROELECTRONICS-STI5514AWC Datasheet
58Kb / 2P
Set-top box decoder with hard disk drive capability
for digital TV, digital set-top box or cable box
Apr-2004
More results

Similar Description - STI5500

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STI5100 STMICROELECTRONICS-STI5100 Datasheet
89Kb / 2P
Low-cost interactive set-top box decoder
May-2004
logo
List of Unclassifed Man...
ES4427 ETC-ES4427 Datasheet
119Kb / 10P
Web/DVD Set-Top Box Solution
logo
Texas Instruments
TMS320AV7110 TI-TMS320AV7110 Datasheet
1,023Kb / 131P
Integrated Digital Set-top Box Decoder Functional Specification
logo
Broadcom Corporation.
BCM7328 BOARDCOM-BCM7328 Datasheet
103Kb / 2P
SINGLE-CHIP SATELLITE SET-TOP BOX DECODER
logo
STMicroelectronics
STI5300 STMICROELECTRONICS-STI5300 Datasheet
86Kb / 3P
High-performance set-top box decoder
September 2005 Rev. 1
STM5105 STMICROELECTRONICS-STM5105 Datasheet
110Kb / 3P
Low-cost interactive set-top box decoder
Mar-2005
logo
Broadcom Corporation.
BCM7317 BOARDCOM-BCM7317 Datasheet
132Kb / 2P
SINGLE-CHIP SATELLITE SET-TOP BOX DECODER
logo
STMicroelectronics
STI5107 STMICROELECTRONICS-STI5107 Datasheet
274Kb / 14P
Low-cost interactive set-top box decoder
05-Dec-2006
STI5517 STMICROELECTRONICS-STI5517 Datasheet
95Kb / 3P
Low-cost set-top box decoder
Oct-2004
STI5162 STMICROELECTRONICS-STI5162 Datasheet
65Kb / 7P
Low-cost interactive set-top box decoder
10-Apr-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com