Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STI5500 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STI5500
Description  SET TOP BOX / DVD BACKEND DECODER WITH INTEGRATED HOST PROCESSOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STI5500 Datasheet(HTML) 3 Page - STMicroelectronics

  STI5500 Datasheet HTML 1Page - STMicroelectronics STI5500 Datasheet HTML 2Page - STMicroelectronics STI5500 Datasheet HTML 3Page - STMicroelectronics STI5500 Datasheet HTML 4Page - STMicroelectronics STI5500 Datasheet HTML 5Page - STMicroelectronics STI5500 Datasheet HTML 6Page - STMicroelectronics STI5500 Datasheet HTML 7Page - STMicroelectronics STI5500 Datasheet HTML 8Page - STMicroelectronics STI5500 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
CO
NFI
DE
NTI
AL
II - PIN DESCRIPTION (continued)
I.2 - Pin List
Pin
Name
Type
Function
SUPPLIES
1, 18, 34, 49, 67, 75, 86, 95,
102, 110, 119, 130, 139,
149, 159, 171, 184, 208
VDD
Power Supply
4, 19, 35, 50, 68, 77, 87, 96,
103, 111, 120, 131, 140,
150, 160, 172, 185, 200
GND
Ground
53, 60
VDDA
Analog Power Supply for DENC
54, 61
VSSA
Analog Ground for DENC
VIDEO OUTPUT INTERFACE
57
R_OUT
O
Red Output
56
G_OUT
O
Green Output
55
B_OUT
O
Blue Output
63
C_OUT
O
Chroma Output
64
CV_OUT
O
Composite Video Output
62
Y_OUT
O
Luma Output
59
I_REF_DAC_RGB
I
DAC Current Reference
66
I_REF_DAC_YCC
I
DAC Current Reference
58
V_REF_DAC_RGB
I
DAC Voltage Reference
65
V_REF_DAC_YCC
I
DAC Voltage Reference
117
OSD_ACTIVE
I/O
OSD Active
118
PIXCLK_27MHz
I
System Clock Input
51
NOTHSYNC
I/O
Horizontal Sync
52
ODD_OR_EVEN
I/O
Vertical Sync
AC-3/MPEG1-2 AUDIO OUTPUT INTERFACE
43
PCM_CLKOUT / A_C_STB
O
(PCM Clock Out) or AC3 Data Strobe Data Out
44
PCM_DATA / A_C_DATA
O
PCM Data Out or AC3
45
PCM_CLKIN
I/O
PCM CLock In From VCXO
46
LRCLK / A-WORD_CLK
O
Left/Right Clock or AC3 Word Clock
47
A_C_REQ
I
AC3 Data Request
48
A_PTS_STB
I
AC3 Audio PTS Strobe
EXTERNAL INTERRUPTS
23, 25, 24
IRQ0-2
I
External Interrupts
PROGRAMMABLE I/O
15, 16, 17, 20, 21, 22
PIO-0 [0, 3-7]
I/O
General Purpose IO
9, 10, 198, 199, 11, 12, 13
PIO-1 [0, 2-7]
I/O
General Purpose IO
3, 5, 6, 7, 8
PIO-2 [0, 3-5,7]
I/O
General Purpose IO
201-207, 2
PIO-3 [0-7]
I/O
General Purpose IO
191-197, 14
PIO-4 [0-7]
I/O
General Purpose IO
JTAG INTERFACE
188
TCK
I
Test Clock
186
TDI
I
Test Data Input
189
TDO
O
Test Data Input
187
TMS
I
Test Mode Select
190
NOT_TRST
I
Test Reset
SYSTEM USE
28
BRM2
O
Modem Voltage Control
27
BRM1_OR_BOOTFROMROM
O/I
VCXO Control Audio BRM or Bootfromrom
During Reset
26
BRM0_OR_OSLINK_SEL
O/I
VCXO Control Video BRM or Configure Oslink
Pins
29
NOT_RST
I
Reset
116
AUXCLK
O
Auxilary Clock for Any Purpose
STi5500
3/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com