Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STI5500 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STI5500
Description  SET TOP BOX / DVD BACKEND DECODER WITH INTEGRATED HOST PROCESSOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STI5500 Datasheet(HTML) 4 Page - STMicroelectronics

  STI5500 Datasheet HTML 1Page - STMicroelectronics STI5500 Datasheet HTML 2Page - STMicroelectronics STI5500 Datasheet HTML 3Page - STMicroelectronics STI5500 Datasheet HTML 4Page - STMicroelectronics STI5500 Datasheet HTML 5Page - STMicroelectronics STI5500 Datasheet HTML 6Page - STMicroelectronics STI5500 Datasheet HTML 7Page - STMicroelectronics STI5500 Datasheet HTML 8Page - STMicroelectronics STI5500 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
CO
NFI
DE
NTI
AL
II - PIN DESCRIPTION (continued)
II.2 - Pin List (continued)
Pin
Name
Type
Function
SDRAM INTERFACE
78-81, 69, 70, 71, 72, 73,
74, 82, 83
AD[0:11]
O
SDRAM Address Bus
92, 93, 94, 97, 98, 99, 100,
101, 106, 107, 108, 109,
112-115
DQ[0:15]
I/O
SDRAM Data (Lower Byte)
84, 85
NOT_SDCS0-1
O
SDRAM Chip Selects
89
NOT_SDCAS
O
SDRAM CAS
88
NOT_SDRAS
O
SDRAM RAS
90
NOT_SDWE
O
SDRAM Write Enable
104
MEMCLKIN
I
SDRAM Memory Clock Input
76
MEMCLKOUT
O
SDRAM Memory Clock Output
91
DQML
O
DQ Mask Enable (Lower)
105
DQMU
O
DQ Mask Enable (Upper)
ROM AND EXTERNAL MICROPROCESSOR
161-170, 173-183
ADR[1:21]
I/O
External Memory Address Bus
141-148, 151-158
DATA[0:15]
I/O
External Memory Data Bus
128
NOT_RAS1_OR_HOLDREQ
O
DRAM RAS or Bus Request to External Micro
136
READY
O
Hold off External Micro
133
READNOTWRITE_OR_DMAACK
I/O
DRAM R/W Strobe or DMA Acknowledge from
External Micro
121, 122
NOT_WE[0:1]
I/O
Write Enable of SRAM
129
NOT_CAS0_OR_HOLDACK
O/I
DRAM CAS or Bus Grant from External Micro
132
NOT_CAS1_OR_NOT_DMAREQ
O
DRAM CAS or DMA Request (Ready) to
External Micro
124-126
NOT_CE[1:3]
O
Chip Select for Banks 1 - 3
135
NOT_CS
I
Chip Select to Access SDRAM
137
PPC_CLK
I
Power PC System Clock
127
NOT_RAS0_OR_NOT_CE4
O
DRAM RAS or Chip Select for Bank 0
134
DMAXFER
I
DMA Transfer Control from External Micro
138
NOT_PPC_MODE
I
Presence of Power PC
123
NOT_OE
I/O
Output Enable of RAM / ROM
SDAV INERFACE
30
SDAV_CLK
I/O
Data Strobe / CLK
31
SDAV_DATA
I/O
Data Line
32
SDAV_DIR
O
Direction for Transmit Truefer Transmit, Pulse
for Receive
33
OSC_IN
I/O
49.152MHz Crystal Input
NRSS INTERFACE
40
NRSS_CLK
O
NRSS Serial Clock
42
NRSS_IN
I
NRSS Serial Data Input
41
NRSS_OUT
O
NRSS Serial Data Output
P1394 INTERFACE
30
P1394_CLK
I/O
Data Strobe / CLK
31
P1394_DATA
I/O
Data Line
32
P1394_P_CLK
I/O
Packet Clock
STi5500
4/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com