Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STI5500 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STI5500
Description  SET TOP BOX / DVD BACKEND DECODER WITH INTEGRATED HOST PROCESSOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STI5500 Datasheet(HTML) 5 Page - STMicroelectronics

  STI5500 Datasheet HTML 1Page - STMicroelectronics STI5500 Datasheet HTML 2Page - STMicroelectronics STI5500 Datasheet HTML 3Page - STMicroelectronics STI5500 Datasheet HTML 4Page - STMicroelectronics STI5500 Datasheet HTML 5Page - STMicroelectronics STI5500 Datasheet HTML 6Page - STMicroelectronics STI5500 Datasheet HTML 7Page - STMicroelectronics STI5500 Datasheet HTML 8Page - STMicroelectronics STI5500 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
CO
NFI
DE
NTI
AL
II - BLOCK DIAGRAM
ST20 CPU
INTERRUPT
CONTROLLER
EMI
MPEG AUDIO
DECODER
AC-3 I/F
PAL/NTSC
ENCODER
TELETEXT
INTERFACE
MPEG VIDEO
DECODER
BLOCK MOVE
DMA
2 MPEG
DMAs
LINK
INTERFACE
2K
INSTRUCTION
CACHE
2K DATA
CACHE AND
2K SRAM
OS LINK
2 UART
1 I2C
PIO
3 PWM
DIAGNOSTICS
CONTROLLER
AND SYSTEM
SERVICES
2
SMARTCARD
INTERFACES
(ASC)
Figure 1 : General Block Diagram
STi5500
5/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com