Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5740BCCZN-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADRF5740BCCZN-R7
Description  2 dB LSB, 4-Bit, Silicon Digital Attenuator, 10 MHz to 60 GHz
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5740BCCZN-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADRF5740BCCZN-R7 Datasheet HTML 3Page - Analog Devices ADRF5740BCCZN-R7 Datasheet HTML 4Page - Analog Devices ADRF5740BCCZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5740BCCZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5740BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5740BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5740BCCZN-R7 Datasheet HTML 9Page - Analog Devices ADRF5740BCCZN-R7 Datasheet HTML 10Page - Analog Devices ADRF5740BCCZN-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Data Sheet
ADRF5740
Rev. 0 | Page 7 of 13
TYPICAL PERFORMANCE CHARACTERISTICS
INSERTION LOSS, RETURN LOSS, STATE ERROR, STEP ERROR, AND RELATIVE PHASE
VDD = 3.3 V, VSS = −3.3 V, digital voltages = 0 V or VDD, TCASE = 25°C, and a 50 Ω system, unless otherwise noted. Measured on the
ADRF5740-EVALZ-185. See the Applications Information section for details on the evaluation board.
–6
–5
–4
–3
–2
–1
0
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
FREQUENCY (GHz)
–55°C
–40°C
+25°C
+85°C
+105°C
Figure 9. Insertion Loss vs. Frequency over Temperature
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
FREQUENCY (GHz)
STATE 0dB
STATE 2dB
STATE 4dB
STATE 8dB
STATE 22dB
Figure 10. Input Return Loss vs. Frequency (Major States Only)
–1.5
–1.0
–0.5
0
0.5
1.0
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
FREQUENCY (GHz)
STATE 0dB
STATE 2dB
STATE 4dB
STATE 8dB
STATE 22dB
Figure 11. Step Error vs. Frequency (Major States Only)
–25
–20
–15
–10
–5
0
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
FREQUENCY (GHz)
Figure 12. Normalized Attenuation vs. Frequency for All States at Room
Temperature
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
FREQUENCY (GHz)
STATE 0dB
STATE 2dB
STATE 4dB
STATE 8dB
STATE 22dB
Figure 13. Output Return Loss vs. Frequency (Major States Only)
–1.5
–1.0
–0.5
0
0.5
1.0
0
2
4
6
8
10
12
14
16
18
20
22
ATTENUATION STATE (dB)
5GHz
10GHz
15GHz
20GHz
30GHz
35GHz
40GHz
45GHz
50GHz
55GHz
60GHz
65GHz
Figure 14. Step Error vs. Attenuation State over Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com