Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5740BCCZN-R7 Datasheet(PDF) 2 Page - Analog Devices

Part # ADRF5740BCCZN-R7
Description  2 dB LSB, 4-Bit, Silicon Digital Attenuator, 10 MHz to 60 GHz
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5740BCCZN-R7 Datasheet(HTML) 2 Page - Analog Devices

  ADRF5740BCCZN-R7 Datasheet HTML 1Page - Analog Devices ADRF5740BCCZN-R7 Datasheet HTML 2Page - Analog Devices ADRF5740BCCZN-R7 Datasheet HTML 3Page - Analog Devices ADRF5740BCCZN-R7 Datasheet HTML 4Page - Analog Devices ADRF5740BCCZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5740BCCZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5740BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5740BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5740BCCZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
ADRF5740
Data Sheet
Rev. 0 | Page 2 of 13
TABLE OF CONTENTS
Features.............................................................................................. 1
Applications ...................................................................................... 1
Functional Block Diagram .............................................................. 1
General Description......................................................................... 1
Revision History ............................................................................... 2
Specifications .................................................................................... 3
Electrical Specifications............................................................... 3
Timing Specifications .................................................................. 4
Absolute Maximum Ratings....................................................... 5
Electrostatic Discharge (ESD) Ratings...................................... 5
Thermal Resistance ...................................................................... 5
Power Derating Curves ............................................................... 5
ESD Caution.................................................................................. 5
Pin Configuration and Function Descriptions ............................ 6
Interface Schematics .................................................................... 6
Typical Performance Characteristics............................................. 7
Insertion Loss, Return Loss, State Error, Step Error, and
Relative Phase ................................................................................7
Input Power Compression and Third-Order Intercept ..........9
Theory of Operation ...................................................................... 10
Power Supply .............................................................................. 10
RF Input and Output................................................................. 10
Parallel Mode Interface ............................................................. 11
Applications Information ............................................................. 12
Layout Considerations .............................................................. 12
Board Layout............................................................................... 12
RF and Digital Controls ............................................................ 12
Packaging and Ordering Information......................................... 13
Outline Dimensions................................................................... 13
Ordering Guide .......................................................................... 13
REVISION HISTORY
6/2020—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com