Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5740BCCZN-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADRF5740BCCZN-R7
Description  2 dB LSB, 4-Bit, Silicon Digital Attenuator, 10 MHz to 60 GHz
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5740BCCZN-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADRF5740BCCZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5740BCCZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5740BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5740BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5740BCCZN-R7 Datasheet HTML 9Page - Analog Devices ADRF5740BCCZN-R7 Datasheet HTML 10Page - Analog Devices ADRF5740BCCZN-R7 Datasheet HTML 11Page - Analog Devices ADRF5740BCCZN-R7 Datasheet HTML 12Page - Analog Devices ADRF5740BCCZN-R7 Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
ADRF5740
Data Sheet
Rev. 0 | Page 10 of 13
THEORY OF OPERATION
The ADRF5740 incorporates a 4-bit fixed attenuator array that
offers an attenuation range of 22 dB in 2 dB steps. An integrated
driver provides parallel mode control of the attenuator array.
The ADRF5740 has four digital control inputs, D2 (LSB) to D5,
to select the desired attenuation state in parallel mode, as shown
in Figure 23. Internally, there are two 8 dB stages, and these can be
controlled by the D4 and D5 pins.
POWER SUPPLY
The ADRF5740 requires a positive supply voltage applied to the
VDD pin and a negative supply voltage applied to the VSS pin.
Bypassing capacitors are recommended on the supply lines to
filter high frequency noise.
The power-up sequence is as follows:
1. Connect GND to ground.
2. Power up VDD and VSS. Power up VSS after VDD to
avoid current transients on VDD during ramp-up.
3. Power up the digital control inputs. The relative order of
the digital control inputs is not important. However,
powering the digital control inputs before the VDD supply
may inadvertently forward bias and damage the internal
ESD protection structures. To avoid this damage, use a
series 1 kΩ resistor to limit the current flowing into the
control pin.
4. Apply an RF input signal to ATTIN or ATTOUT.
The power-down sequence is the reverse order of the power-up
sequence.
Power-Up State
The ADRF5740 has internal pull-up resistors (see Figure 6).
The internal pull-up resistors set the attenuator to the
maximum attenuation state (22 dB) when the VDD and VSS
voltages are applied.
RF INPUT AND OUTPUT
Both RF ports (ATTIN and ATTOUT) are dc-coupled to 0 V.
DC blocking is not required at the RF ports when the RF line
potential is equal to 0 V.
The RF ports are internally matched to 50 Ω. Therefore,
external matching components are not required.
The ADRF5740 supports bidirectional operation at a lower
power level. The power handling of the ATTIN and ATTOUT
ports are different. Therefore, the bidirectional power handling is
defined by the ATTOUT port. Refer to the RF input power
specifications in Table 1.
Table 7. Recommended Truth Table
Digital Control Input1
Attenuation State (dB)
D52
D42
D3
D2
Low
Low
Low
Low
0 (reference)
Low
Low
Low
High
2
Low
Low
High
Low
4
Low
Low
High
High
6
Low
High
Low
Low
8
Low
High
Low
High
10
Low
High
High
Low
12
Low
High
High
High
14
High
High
Low
Low
16
High
High
Low
High
18
High
High
High
Low
20
High
High
High
High
22
1
Any combination of the control voltage input states shown in Table 7
provides an attenuation equal to the sum of the bits selected.
2
D4 and D5 both correspond to the 8 dB state. D4 has slightly higher accuracy
over states at higher frequencies.
LATCH ENABLE
LE
D2
D3
D4
D5
RF
INPUT
RF
OUTPUT
2dB
4dB
8dB
8dB
Figure 23. Simplified Circuit Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com