Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5740BCCZN-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADRF5740BCCZN-R7
Description  2 dB LSB, 4-Bit, Silicon Digital Attenuator, 10 MHz to 60 GHz
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5740BCCZN-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADRF5740BCCZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5740BCCZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5740BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5740BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5740BCCZN-R7 Datasheet HTML 9Page - Analog Devices ADRF5740BCCZN-R7 Datasheet HTML 10Page - Analog Devices ADRF5740BCCZN-R7 Datasheet HTML 11Page - Analog Devices ADRF5740BCCZN-R7 Datasheet HTML 12Page - Analog Devices ADRF5740BCCZN-R7 Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
ADRF5740
Data Sheet
Rev. 0 | Page 12 of 13
APPLICATIONS INFORMATION
LAYOUT CONSIDERATIONS
All measurements in this data sheet are measured on the
ADRF5740-EVALZ-185 evaluation board. The design of the
ADRF5740-EVALZ-185 and the ADRF5740-EVALZ-292
serves as a layout recommendation for the ADRF5740
application.
See the ADRF5740-EVALZ-185 and the ADRF5740-EVALZ-292
user guide for more information on using the evaluation
boards.
BOARD LAYOUT
The ADRF5740-EVALZ-185 and the ADRF5740-EVALZ-292
are 4-layer evaluation boards. The outer copper (Cu) layers are
0.5 oz (0.7 mil) plated to 1.5 oz (2.2 mil) and are separated by
dielectric materials. Figure 25 shows the ADRF5740-EVALZ-185
and the ADRF5740-EVALZ-292 stack up.
RO4003
1.5oz Cu (2.2mil)
1.5oz Cu (2.2mil)
0.5oz Cu (0.7mil)
0.5oz Cu (0.7mil)
1.5oz Cu (2.2mil)
1.5oz Cu (2.2mil)
W = 16mil
G = 6mil
T = 2.2mil
H = 12mil
Figure 25. ADRF5740-EVALZ-185 and ADRF5740-EVALZ-292 Stack Up
All RF and dc traces are routed on the top copper layer, whereas
the inner and bottom layers are grounded planes that provide a
solid ground for the RF transmission lines. The top dielectric
material is 12 mil Rogers RO4003, offering optimal high
frequency performance. The middle and bottom dielectric
materials provide mechanical strength. The overall board
thickness is 62 mil, which allows 1.85 mm RF launchers to be
connected at the board edges.
RF AND DIGITAL CONTROLS
The RF transmission lines are designed using a coplanar
waveguide (CPWG) model, with a trace width of 16 mil and
ground clearance of 6 mil to have a characteristic impedance of
50 Ω. For optimal RF and thermal grounding, as many through
vias as possible are arranged around transmission lines and under
the exposed pad of the package.
The RF input and output ports (ATTIN and ATTOUT) are
connected through 50 Ω transmission lines to the 1.85 mm RF
launchers. On the VDD and VSS supply traces, a 100 pF bypass
capacitor filters high frequency noise.
Figure 26 shows the simplified application circuit for the
ADRF5740.
EPAD
ATTIN
GND
D5
D4
D5
D4
D3
D2
VSS
VDD
GND
ATTOUT
ADRF5740
0
Ω
0
Ω
LE
0
Ω
100pF
VDD
TP1
100pF
VSS
100pF
0
Ω 100pF
0
Ω 100pF
100pF
100pF
ATTIN
ATTOUT
1
2
3
4
12
11
10
9
6
5
7
8
16
15
14
13
Figure 26. Simplified Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com