Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5740BCCZN-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADRF5740BCCZN-R7
Description  2 dB LSB, 4-Bit, Silicon Digital Attenuator, 10 MHz to 60 GHz
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5740BCCZN-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADRF5740BCCZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5740BCCZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5740BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5740BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5740BCCZN-R7 Datasheet HTML 9Page - Analog Devices ADRF5740BCCZN-R7 Datasheet HTML 10Page - Analog Devices ADRF5740BCCZN-R7 Datasheet HTML 11Page - Analog Devices ADRF5740BCCZN-R7 Datasheet HTML 12Page - Analog Devices ADRF5740BCCZN-R7 Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Data Sheet
ADRF5740
Rev. 0 | Page 11 of 13
PARALLEL MODE INTERFACE
There are two modes of parallel operation: direct parallel and
latched parallel.
Direct Parallel Mode
To enable direct parallel mode, keep the LE pin high. To change
the attenuation state, use the control voltage inputs (D2 to D5)
directly. Direct parallel mode is for manual control of the
attenuator.
Latched Parallel Mode
To enable latched parallel mode, keep the LE pin low when
changing the control voltage inputs (D2 to D5) to set the
attenuation state. The LE pin is level triggered. When the
desired attenuation state is set, toggle LE high to transfer the
data to the bypass switches of the attenuator array. Then, toggle
LE low to secure the change into the device until the next required
attenuation change.
D5 TO D2
LE
tPS
tPH
tLEW
X
X
Figure 24. Latched Parallel Mode Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com