Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5740BCCZN-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADRF5740BCCZN-R7
Description  2 dB LSB, 4-Bit, Silicon Digital Attenuator, 10 MHz to 60 GHz
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5740BCCZN-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADRF5740BCCZN-R7 Datasheet HTML 1Page - Analog Devices ADRF5740BCCZN-R7 Datasheet HTML 2Page - Analog Devices ADRF5740BCCZN-R7 Datasheet HTML 3Page - Analog Devices ADRF5740BCCZN-R7 Datasheet HTML 4Page - Analog Devices ADRF5740BCCZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5740BCCZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5740BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5740BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5740BCCZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
2 dB LSB, 4-Bit, Silicon Digital Attenuator,
10 MHz to 60 GHz
Data Sheet
ADRF5740
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rights of third parties that may result from its use. Specifications subject to change without notice.
No license is granted by implication or otherwise under any patent or patent rights of Analog
Devices.Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2020 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Ultrawideband frequency range: 10 MHz to 60 GHz
Attenuation range: 2 dB steps to 22 dB
Low insertion loss
1.4 dB up to 20 GHz
2.2 dB up to 44 GHz
3.3 dB up to 55 GHz
Attenuation accuracy
±(0.1 + 1.0% of state) up to 20 GHz
±(0.2 + 3.0% of state) up to 44 GHz
±(0.2 + 7.0% of state) up to 55 GHz
Typical step error
±0.30 dB up to 20 GHz
±0.50 dB up to 44 GHz
±0.60 dB up to 55 GHz
High input linearity
P0.1dB: 25.5 dBm typical
IP3: 45 dBm typical
High RF input power handling: 24 dBm average, 24 dBm peak
Tight distribution in relative phase
No low frequency spurious signals
Parallel mode control, CMOS and LVTTL compatible
RF amplitude settling time (0.1 dB of final RF output): 175 ns
16-terminal, 2.5 mm × 2.5 mm, RoHS compliant LGA package
APPLICATIONS
Industrial scanners
Test and instrumentation
Cellular infrastructure: 5G millimeter wave
Military radios, radars, electronic counter measures (ECMs)
Microwave radios and very small aperture terminals (VSATs)
FUNCTIONAL BLOCK DIAGRAM
PACKAGE
BASE
GND
4-BIT DIGITAL
ATTENUATOR
PARALLEL
INTERFACE
VDD
D4
VSS
GND
ATTOUT
1
D5
2
GND
3
ATTIN
4
12
11
10
9
6
5
7
8
16
15
14
13
Figure 1.
GENERAL DESCRIPTION
The ADRF5740 is a silicon, 4-bit digital attenuator with 22 dB
attenuation control range in 2 dB steps.
The ADRF5740 operates from 10 MHz to 60 GHz with less than
3.3 dB of insertion loss and with ±(0.2 + 7.0% of attenuation state)
of attenuation accuracy at 55 GHz. The ATTIN port of the
ADRF5740 has an RF input power handling capability of 24 dBm
average and 24 dBm peak for all states.
The ADRF5740 requires a dual supply voltage of +3.3 V and
−3.3 V. The ADRF5740 features parallel mode control, and
CMOS- and low voltage transistor to transistor logic (LVTTL)-
compatible controls.
The ADRF5740 RF ports are designed to match a characteristic
impedance of 50 Ω. The ADRF5740 comes in a 16-terminal,
2.5 mm × 2.5 mm, RoHS compliant, land grid array (LGA)
package and operates from −40°C to +105°C.


Similar Part No. - ADRF5740BCCZN-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF5700 AD-ADRF5700 Datasheet
1Mb / 16P
46 dB, 2 dB LSB, 5-Bit, Silicon Digital Attenuator, 100 MHz to 22 GHz
Rev. 0
ADRF5700BCCZN AD-ADRF5700BCCZN Datasheet
1Mb / 16P
46 dB, 2 dB LSB, 5-Bit, Silicon Digital Attenuator, 100 MHz to 22 GHz
Rev. 0
ADRF5700BCCZN-R7 AD-ADRF5700BCCZN-R7 Datasheet
1Mb / 16P
46 dB, 2 dB LSB, 5-Bit, Silicon Digital Attenuator, 100 MHz to 22 GHz
Rev. 0
ADRF5702 AD-ADRF5702 Datasheet
2Mb / 27P
Silicon Digital Attenuator, 0.125dB LSB, 8-Bit, 50MHz to 20GHz
Rev. A
ADRF5702BCCZN AD-ADRF5702BCCZN Datasheet
2Mb / 27P
Silicon Digital Attenuator, 0.125dB LSB, 8-Bit, 50MHz to 20GHz
Rev. A
More results

Similar Description - ADRF5740BCCZN-R7

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AA210-25 ALPHA-AA210-25 Datasheet
38Kb / 2P
GaAs IC 4 Bit Digital Attenuator 1 dB LSB DC-2 GHz
AA220-25 ALPHA-AA220-25 Datasheet
38Kb / 2P
GaAs IC 4 Bit Digital Attenuator 2 dB LSB DC-2 GHz
logo
Hittite Microwave Corpo...
HMC291 HITTITE-HMC291 Datasheet
146Kb / 6P
4 dB LSB GaAs MMIC 2-BIT DIGITAL ATTENUATOR, 0.7 - 4.0 GHz
logo
Skyworks Solutions Inc.
AA100-59LF SKYWORKS-AA100-59LF Datasheet
187Kb / 4P
GaAs 3 Bit Digital Attenuator, 4 dB LSB 0.75-2 GHz
SKY12324-73 SKYWORKS-SKY12324-73 Datasheet
264Kb / 6P
GaAs IC 2-Bit Digital Attenuator 4 dB LSB 0.5-4 GHz
logo
Hittite Microwave Corpo...
HMC291 HITTITE-HMC291_08 Datasheet
205Kb / 6P
4 dB LSB GaAs MMIC 2-BIT DIGITAL ATTENUATOR, 0.7 - 4.0 GHz
logo
Analog Devices
HMC1122 AD-HMC1122 Datasheet
612Kb / 15P
0.1 GHz to 6.0 GHz, 0.5 dB LSB, 6-Bit, Silicon Digital Attenuator
REV. 0
ADRF5731 AD-ADRF5731 Datasheet
506Kb / 17P
2 dB LSB, 4-Bit, Silicon Digital Attenuator,
9/2018-Revision 0
ADRF5474 AD-ADRF5474 Datasheet
2Mb / 14P
Die on Carrier, Silicon Digital Attenuator, 2 dB LSB, 4-Bit, 10 MHz to 60 GHz
Rev. 0
ADRF5700 AD-ADRF5700 Datasheet
1Mb / 16P
46 dB, 2 dB LSB, 5-Bit, Silicon Digital Attenuator, 100 MHz to 22 GHz
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com