Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC-USB-SPI Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # SC-USB-SPI
Description  225MHz to 3800MHz RF Power Amplifier Linearizer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

SC-USB-SPI Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button SC-USB-SPI Datasheet HTML 2Page - Maxim Integrated Products SC-USB-SPI Datasheet HTML 3Page - Maxim Integrated Products SC-USB-SPI Datasheet HTML 4Page - Maxim Integrated Products SC-USB-SPI Datasheet HTML 5Page - Maxim Integrated Products SC-USB-SPI Datasheet HTML 6Page - Maxim Integrated Products SC-USB-SPI Datasheet HTML 7Page - Maxim Integrated Products SC-USB-SPI Datasheet HTML 8Page - Maxim Integrated Products SC-USB-SPI Datasheet HTML 9Page - Maxim Integrated Products SC-USB-SPI Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Operation at +25°C, AVDD18 = 1.8V, AVDD33 = 3.3V, DVDD18 = 1.8V, and 20MHz external clock, unless otherwise specified.
Guaranteed performance across worst-case supply voltage and temperature range, unless otherwise specified.
Note 11: Peak power is defined as the 10-4 point on the CCDF (complementary cumulative distribution function) of the signal.
Note 12: Power (MAX RMS) + PAR must not exceed the peak power limits specified above, there is no maximum limit on the PAR.
Note 13: Referred to 50Ω impedance into a 1:2 balun.
Note 14: Default is -07. User may reprogram for other ranges listed above. Refer to SPI Programming Guide for programming
information.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Peak RFIN_BLN (Note 11, 13)
PRFIN_BLN_P
When PA operates at maximum
power
+3
+9
+11
dBm
Peak RFFB_BLN (Note 11, 13)
PRFFB_BLN_P
-12
-4
-2
dBm
RMS RFIN_BLN (Note 12, 13)
PRFIN_BLN
-4
-1
+1
dBm
RMS RFFB_BLN (Note 12, 13)
PRFFB_BLN
-19
-14
-12
dBm
RFIN_BLN Operating Range
PRFIN_BLN
RMS power, over PA output power
range
-41
+1
dBm
RFFB_BLN Operating Range
PRFFB_BLN
-52
-12
dBm
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
CMOS Input Logic-Low
VIL
-0.3
+0.8
V
CMOS Input Logic-High
VIH
VDD = 3.3V
2.0
V
CMOS Output Logic-Low
VOL
0.4
V
CMOS Output Logic-High
VOH
VDD = 3.3V
2.4
V
SDO CMOS Output Current
IOL/IOH
Three-state
-16.0
+16.0
mA
STATO CMOS Output Current
IOL/IOH
Open drain
-16.0
0.0
mA
FREQUENCY RANGE (Note 14)
RECOMMENDED APPLICATIONS
DESIGNATION
225MHz to 520MHz
TV white space
-02
225MHz to 960MHz
UHF broadcast, TV White Space, public safety
-03
520MHz to 1040MHz
Low-band cellular (698MHz to 960MHz), UHF broadcast,
TV white space, public safety
-04
1040MHz to 2080MHz
LTE for Japan (1400MHz to 1510MHz)
-05
698MHz to 2700MHz
Low- and high-band cellular, IF for SATCOMM (950MHz to 145MHz)
-06
1800MHz to 2700MHz (DEFAULT)
High-band cellular (1800MHz to 2700MHz)
-07
2700MHz to 3500MHz
-08
3300MHz to 3800MHz
Microwave (IF), WiMAX, LTE
-09
SC1894
225MHz to 3800MHz RF Power
Amplifier Linearizer (RFPAL)
www.maximintegrated.com
Maxim Integrated │ 6
RF Input Range for Maximum Correction—3300MHz to 3800MHz
Digital I/O—DC Characteristics
Operating Frequency Ranges



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com