Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC-USB-SPI Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # SC-USB-SPI
Description  225MHz to 3800MHz RF Power Amplifier Linearizer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

SC-USB-SPI Datasheet(HTML) 4 Page - Maxim Integrated Products

  SC-USB-SPI Datasheet HTML 1Page - Maxim Integrated Products SC-USB-SPI Datasheet HTML 2Page - Maxim Integrated Products SC-USB-SPI Datasheet HTML 3Page - Maxim Integrated Products SC-USB-SPI Datasheet HTML 4Page - Maxim Integrated Products SC-USB-SPI Datasheet HTML 5Page - Maxim Integrated Products SC-USB-SPI Datasheet HTML 6Page - Maxim Integrated Products SC-USB-SPI Datasheet HTML 7Page - Maxim Integrated Products SC-USB-SPI Datasheet HTML 8Page - Maxim Integrated Products SC-USB-SPI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Operating Case Temperature……………………-40°C to +105°C
Supply Voltage (VDD33 to GND) .........................-0.3V to +3.8V
Supply Voltage (VDD18 to GND) .........................-0.2V to +2.2V
Input Voltage (1.8V pins)........................-0.2V to VDD18 + 0.2V
Input Voltage (3.3V pins)........................-0.3V to VDD33 + 0.3V
Input into the BALUN (RMS)............................................+7dBm
Junction Temperature......................................................+150°C
Storage Temperature........................................ -65°C to +150°C
Operation at +25°C, AVDD18 = 1.8V, AVDD33 = 3.3V, DVDD18 = 1.8V, and 20MHz external clock, unless otherwise specified.
Note 1: Peak current includes supply decoupling network. Refer to Hardware Design Guide for proper sizing of the on-board
regulators.
Note 2: Characterized at typical voltages, +25°C operating case temperature, and 20MHz input signal BW.
Note 3: Continuous adaptation, tracking (100% duty-cycled feedback).
Note 4: Power dissipation may be FW dependent. Refer to the FW release notes for any changes to values listed above.
Note 5: Duty-cycled feedback power dissipation averaged over ON time of 100ms (9%), OFF time of 1.0s (91%).
Note 6: See Operating Frequency Ranges table for frequency limits of each defined band.
Note 7: In the case where 40MHz < BWsignal ≤ 75MHz and the carrier configuration is NON-fully occupied, then the average
power delta between the two outermost carriers must be ≤ 20dB, the carrier configuration must be static (no hopping), the
outermost carriers must be ≥ 5MHz and the fC must be stored in EEPROM.
Note 8: Correction performance across range of input signal BWs also depends on PA output power and carrier configuration.
Note 9: Worst case over supply voltage and temperature range, guaranteed by characterization.
Note 10: Spurious content is typically due to RFPAL receiver LO leakage and is located within 1MHz of the occupied signal center
frequency.
PARAMETER
MIN
TYP
MAX
UNITS
Supply Voltage (VDD33 to GND)
3.1
3.3
3.5
V
Supply Voltage (VDD18 to GND)
1.7
1.8
1.9
V
Supply Peak Current (VDD33 to GND) (Notes 1, 2, 3, 4)
100
120
mA
Supply Peak Current (VDD18 to GND) (Notes 1, 2, 3, 4)
840
900
mA
Average Power Dissipation: Full-Scale Adaptation, Track and AF (Notes 2, 3, 4)
1200
1400
mW
Average Power Dissipation: Duty-Cycled Feedback (Notes 2, 4, 5)
600
mW
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Frequency (Note 6)
f
225
3800
MHz
Input Signal Bandwidth (Note 7)
BWsignal
1.2
75
(Note 8)
MHz
Noise Power (Note 9)
Referred to 0dBm at PA input
-140
-137
dBm/Hz
In-Band CW Spurious Power
(Notes 9, 10)
PspurLF
698MHz–960MHz, at RFOUT balun
single ended port
-76
-69
dBm
In-Band CW Spurious Power
(Notes 9, 10)
PspurMF
1800MHz–2200MHz, at RFOUT balun
single ended port
-69
-62
dBm
In-Band CW Spurious Power
(Notes 9, 10)
PspurHF
2400MHz–2700MHz, at RFOUT balun
single ended port
-53
-41
dBm
SC1894
225MHz to 3800MHz RF Power
Amplifier Linearizer (RFPAL)
www.maximintegrated.com
Maxim Integrated │ 4
Absolute Maximum Ratings
Operating Rating
Warning: Any stress beyond the ranges indicated may damage the device permanently. The specified stress ratings do not imply functional performance in these ranges. Exposure of the device
to the absolute maximum ratings for extended periods of time is likely to degrade the reliability of this product.
DC Characteristics
Radio Frequency Signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com