Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC-USB-SPI Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # SC-USB-SPI
Description  225MHz to 3800MHz RF Power Amplifier Linearizer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

SC-USB-SPI Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button SC-USB-SPI Datasheet HTML 10Page - Maxim Integrated Products SC-USB-SPI Datasheet HTML 11Page - Maxim Integrated Products SC-USB-SPI Datasheet HTML 12Page - Maxim Integrated Products SC-USB-SPI Datasheet HTML 13Page - Maxim Integrated Products SC-USB-SPI Datasheet HTML 14Page - Maxim Integrated Products SC-USB-SPI Datasheet HTML 15Page - Maxim Integrated Products SC-USB-SPI Datasheet HTML 16Page - Maxim Integrated Products SC-USB-SPI Datasheet HTML 17Page - Maxim Integrated Products SC-USB-SPI Datasheet HTML 18Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
PIN
NAME
TYPE
FUNCTION
37
FLTCAP1P
Analog Out
Dedicated external filter capacitor #1.
38
FLTCAP1N
39
FLTCAP2P
Analog Out
Dedicated external filter capacitor #2.
40
FLTCAP2N
41
AVDD18
Supply
+1.8V DC Supply Voltage for analog circuits.
42
AVDD18
Supply
+1.8V DC Supply Voltage for analog circuits.
43
FLTCAP3P
Analog Out
Dedicated external filter capacitor #3.
44
FLTCAP3N
45
XTALI
Analog In
Crystal Input. For standard internal clock, connect crystal or ceramic resonator
from XTALI to XTALO. May alternatively be driven by an external clock.
46
XTALO
Analog Out
Crystal Output. Excitation driver for crystal or ceramic resonator.
47
AVDD18
Supply
+1.8V DC Supply Voltage for analog circuits.
48
DVDD18
Supply
+1.8V DC Supply Voltage for digital circuits.
49
RESETN
Digital In
Reset when "Low". Has internal pull-up to DVDD33.
50
WDTENB
Digital In
Watch Dog Timer Enable. WDTENB enabled when high. Has internal
pull-up to DVDD33. See applications schematic for further details.
51
SCLK
Digital In
SPI clock. Has internal pull-down to GND.
52
SSN
Digital In
SPI slave select enabled "Low". Has internal pull-up to DVDD33.
53
SDI
Digital In
SPI slave data input to RFPAL. Has internal pull-down to GND.
54
SDO
Digital Out
SPI slave data output from RFPAL. Tri-state. DVDD33 logic.
55
DVDD18
Supply
+1.8V DC Supply Voltage for digital circuits.
56
DGPIN1
Digital In
Digital General Purpose Input 1. Has internal pull-up to DVDD33. See
Firmware Release Notes for further details.
57
STATO
Digital Out
General Purpose Status Output as defined in Firmware Release Notes.
Open-drain output with internal pull-up to DVDD33.
58
DVDD33
Supply
+3.3V DC Supply Voltage for digital circuits.
59
DVDD18
Supply
+1.8V DC Supply Voltage for digital circuits.
60
LOADENB
Digital In
Load Enable. Required for FW upgrades. Has internal pull-down to GND.
See applications schematic for further details.
61
TESTSEL1
Reserved
Do not connect. Reserved for internal use.
Has internal pull-down to GND.
62
TESTSEL2
Reserved
Do not connect. Reserved for internal use.
Has internal pull-down to GND.
63
DGPIN0
Digital In
Digital General Purpose Input 0. Do not connect. Reserved for future use.
Has internal pull-down to GND. See applications schematic for further details.
64
DVDD18
Supply
+1.8V DC Supply Voltage for digital circuits.
65
GNDPAD
Supply
Common Ground for entire integrated circuit. Also provides path for thermal
dissipation.
SC1894
225MHz to 3800MHz RF Power
Amplifier Linearizer (RFPAL)
www.maximintegrated.com
Maxim Integrated │ 15
Pin Description (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com