Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC-USB-SPI Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # SC-USB-SPI
Description  225MHz to 3800MHz RF Power Amplifier Linearizer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

SC-USB-SPI Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button SC-USB-SPI Datasheet HTML 6Page - Maxim Integrated Products SC-USB-SPI Datasheet HTML 7Page - Maxim Integrated Products SC-USB-SPI Datasheet HTML 8Page - Maxim Integrated Products SC-USB-SPI Datasheet HTML 9Page - Maxim Integrated Products SC-USB-SPI Datasheet HTML 10Page - Maxim Integrated Products SC-USB-SPI Datasheet HTML 11Page - Maxim Integrated Products SC-USB-SPI Datasheet HTML 12Page - Maxim Integrated Products SC-USB-SPI Datasheet HTML 13Page - Maxim Integrated Products SC-USB-SPI Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Operation at +25°C, AVDD18 = 1.8V, AVDD33 = 3.3V, and DVDD18 = 1.8V, unless otherwise specified. Min/Max values are at -40°C
< Tcase < +105°C, unless otherwise noted.
Note 17: Test conditions: 2-tone CW (3dB PAR), 5MHz bandwidth and centered at 2140 MHz unless otherwise specified.
Note 18: Power measurement updated about every 340ms. The integration time (measurement window) fixed to 40ms.
Note 19: For operation above 2500MHz, please contact factory.
Note 20: RMS power (MAX) + peak to average ratio (PAR) must not exceed the peak power limits specified in the respective IC
data sheets. As long as this condition is met, there is no limitation on the maximum PAR.
Note 21: When RFIN_BLN and RFFB_BLN are measured sequentially or independently.
Note 22: When RFIN_BLM and RFFB_BLN are measured simultaneously.
Note 23: Test conditions: 2-tone CW (3dB PAR), 5MHz bandwidth and centered at 2140MHz unless otherwise specified.
Note 24: Power measurement updated every 340ms. The integration time (measurement window) fixed to 40ms.
Note 25: When RFIN_BLN and RFFB_BLN are measured sequentially or independently.
Note 26: Guaranteed by test (at Tcase = +25°C) and characterization.
Note 27: Guaranteed by characterization.
RF Power Measurement Unit (PMU) (continued)
PARAMETER
SYMBOL
CONDITIONS (Notes 23, 24)
MIN
TYP
MAX
UNITS
(RFIN_BLN) - (RFFB_BLN)
Log Slope
µRFIN-RFFBslope
0
LSB/dB
(RFIN_BLN) - (RFFB_BLN)
Log Slope Variation
σRFIN-
RFFBslope
±1.2
LSB/dB
(RFIN_BLN) - (RFFB_BLN)
Error as Referred to Best-Fit
Line (Note 26)
RFIN_BLN range
(RFFN_BLN = RFIN_BLN – 7dB)
-4 to -24dBm
-24 to -34dBm
-0.30
-2
+0.30
+2
dB
dB
(RFIN_BLN) - (RFFB_BLN)
Deviation from 2-Tone CW
Response (Note 27)
6.5dB PAR (WCDMA 1 carrier)
10dB PAR (WCDMA 1 carrier)
9.1dB PAR (WCDMA 12 carriers)
±0.1
±0.1
±0.1
dB
dB
dB
(RFIN_BLN) - (RFFB_BLN)
Deviation vs. Temperature
(Note 27)
Deviation from output at 25°C, −40°C
< Tcase < +105°C,
-4 to -24dBm, at 2200MHz
-24 to -34dBm, at 2200MHz
-0.55
-2
±0.1
±0.5
+0.55
+2
dB
dB
SC1894
225MHz to 3800MHz RF Power
Amplifier Linearizer (RFPAL)
www.maximintegrated.com
Maxim Integrated │ 10
RF Power Measurement Electrical Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com