Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC-USB-SPI Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # SC-USB-SPI
Description  225MHz to 3800MHz RF Power Amplifier Linearizer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

SC-USB-SPI Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button SC-USB-SPI Datasheet HTML 3Page - Maxim Integrated Products SC-USB-SPI Datasheet HTML 4Page - Maxim Integrated Products SC-USB-SPI Datasheet HTML 5Page - Maxim Integrated Products SC-USB-SPI Datasheet HTML 6Page - Maxim Integrated Products SC-USB-SPI Datasheet HTML 7Page - Maxim Integrated Products SC-USB-SPI Datasheet HTML 8Page - Maxim Integrated Products SC-USB-SPI Datasheet HTML 9Page - Maxim Integrated Products SC-USB-SPI Datasheet HTML 10Page - Maxim Integrated Products SC-USB-SPI Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Guaranteed performance across worst-case supply voltage and temperature range, unless otherwise specified.
Guaranteed performance across worst-case supply voltage and temperature range, unless otherwise specified.
Guaranteed performance across worst-case supply voltage and temperature range unless otherwise specified.
Note 15: Selecting an external reference clock frequency other than 20MHz requires programming the SC1894 through the SPI bus.
See SPI Programming Guide and HW Design Guide for more information.
Note 16: User may program the SC1894 to accept the following clock frequencies: 10, 13, 15.36, 19.2, 20, 26 and 30.72MHz.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
User Programmable External
Clock (Notes 15, 16)
fCLK
10
20
30.72
MHz
External Clock Frequency
Accuracy
1
%
External Clock Frequency Drift
Including aging and temperature
100
ppm
Duty Cycle
Square wave
45
55
%
External Clock Amplitude
VCLK
Sine or square wave
500
1500
mVp-p
External Clock Phase Noise
PNCLK
At 100kHz offset
-130
dBc/Hz
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
ESR
50
Ω
Capacitive Load to Ground
10
12
pF
Frequency Accuracy
250
ppm
Frequency Drift
Including aging and temperature
100
ppm
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Select Setup Time
tSS
100
ns
Select Hold Time
tSH
250
ns
Select Disable Time
tDIS
100
ns
Data Setup Time
tDS
25
ns
Data Hold Time
tDH
45
ns
Rise Time
tR
25
ns
Fall Time
tF
25
ns
Clock Period
tCP
250
ns
Clock High Time
tCH
100
ns
Time to Output Valid
tOV
100
ns
Output Data Disable
tOD
0
ns
SC1894
225MHz to 3800MHz RF Power
Amplifier Linearizer (RFPAL)
www.maximintegrated.com
Maxim Integrated │ 7
Digital I/O—External Clock (XTALI)
Crystal Requirements
Serial Peripheral Interface (SPI) Bus Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com