Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC-USB-SPI Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # SC-USB-SPI
Description  225MHz to 3800MHz RF Power Amplifier Linearizer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

SC-USB-SPI Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button SC-USB-SPI Datasheet HTML 4Page - Maxim Integrated Products SC-USB-SPI Datasheet HTML 5Page - Maxim Integrated Products SC-USB-SPI Datasheet HTML 6Page - Maxim Integrated Products SC-USB-SPI Datasheet HTML 7Page - Maxim Integrated Products SC-USB-SPI Datasheet HTML 8Page - Maxim Integrated Products SC-USB-SPI Datasheet HTML 9Page - Maxim Integrated Products SC-USB-SPI Datasheet HTML 10Page - Maxim Integrated Products SC-USB-SPI Datasheet HTML 11Page - Maxim Integrated Products SC-USB-SPI Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Operation at +25°C, AVDD18 = 1.8V, AVDD33 = 3.3V, and DVDD18 = 1.8V, unless otherwise specified. Min/Max values are at -40°C
< Tcase < +105°C, unless otherwise noted.
RF Power Measurement Unit (PMU)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
EEPROM write/erase cycles
Page mode, +25°C
1M
E/W
Cycles
PARAMETER
SYMBOL
CONDITIONS (Notes 17, 18)
MIN
TYP
MAX
UNITS
Frequency Range (Note 19)
fCrange
698
2500
MHz
RFIN_BLN Range (Note 20)
PRFINRange
RMS power, referred to 50Ω
impedance into a 1:2 balun
-44
(Note 21)
-34
(Note 22)
-4
dBm
RFFB_BLN Range (Note 20)
PRFFBRange
RMS power, referred to 50Ω
impedance into a 1:2 balun
-52
(Note 21)
-42
(Note 22)
-12
dBm
RFIN_BLN Log Slope
µRFINslope
Linear regression between -4 and
-39dBm, 100 readings
341.3
LSB/dB
RFFB_BLN Log Slope
µRFFBslope
Linear regression between -12 and
-47dBm, 100 readings
341.3
LSB/dB
RFIN_BLN Log Slope
Variation
σRFINslope
Linear regression between -4 and
-39dBm, 100 readings
±1.2
LSB/dB
RFFB_BLN Log Slope
Variation
σRFFBslope
Linear regression between -12 and
-47dBm, 100 readings
±1.2
LSB/dB
SSN
SCLK
SDI
SDO
tSS
tDS
IT IS REQUIRED THAT THE SPI BUS BE CONNECTED TO A HOST CONTROLLER IN ORDER TO READ OR WRITE CUSTOMER-ACCESSIBLE PARAMETERS.
tDH
tCP
tCH
tR
tF
tSH
tOD
tOV
tDIS
SC1894
225MHz to 3800MHz RF Power
Amplifier Linearizer (RFPAL)
www.maximintegrated.com
Maxim Integrated │ 8
EEPROM Endurance
Timing Diagram
RF Power Measurement Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com