Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAV803 Datasheet(PDF) 34 Page - Analog Devices

Part # ADAV803
Description  Audio Codec for Recordable DVD
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV803 Datasheet(HTML) 34 Page - Analog Devices

Back Button ADAV803 Datasheet HTML 30Page - Analog Devices ADAV803 Datasheet HTML 31Page - Analog Devices ADAV803 Datasheet HTML 32Page - Analog Devices ADAV803 Datasheet HTML 33Page - Analog Devices ADAV803 Datasheet HTML 34Page - Analog Devices ADAV803 Datasheet HTML 35Page - Analog Devices ADAV803 Datasheet HTML 36Page - Analog Devices ADAV803 Datasheet HTML 37Page - Analog Devices ADAV803 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 56 page
background image
ADAV803
Rev. 0 | Page 34 of 56
RES
C1
CL
1
0
SPMO
MODE0
Table 22. Auxiliary Output Port Register
RES
CLKSR
KSRC0
WLEN
WLEN
DE1
SP
7
6
5
4
3
2
1
0
ADDRESS = 0000111 (0x07)
CLKSRC1–0
CLK.
Selects the clock source for generating the OAUXLRCLK and OAUXB
00 = Auxiliary record port is a slave.
01 = Recovered PLL clock.
ecord port.
10 = Internal Clock 1.
11 = Internal Clock 2.
WLEN1–0
Selects the serial output word length.
00 = 24 bits.
01 = 20 bits.
10 = 18 bits.
11 = 16 bits.
SPMODE1–0
Selects the serial format of the auxiliary r
00 = Left-justified.
01 = I2S.
10 = Reserved.
11 = Right-justified.
Table 23. Group Dela
GRPDLY6–0
y and Mute Register
MUTE_SRC
7
6, 5, 4, 3, 2, 1, 0
ADDRESS = 0001000 (0x08)
MUTE_SRC
Soft-mutes the output of the sample rate converter.
0 = No mute.
y to the sample rate converter FIR filter by GRPDLY6–0 inpu
ples.
00000 = No de
.
1 = 1 sample delay.
1 = Soft-mute.
GRPDLY6–0
Adds dela
t sam
00
lay
000000
0000010 = 2 sample delay.
1111110 = 126 sample delay.
1111111 = 127 sample delay.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com