Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAV803 Datasheet(PDF) 39 Page - Analog Devices

Part # ADAV803
Description  Audio Codec for Recordable DVD
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV803 Datasheet(HTML) 39 Page - Analog Devices

Back Button ADAV803 Datasheet HTML 35Page - Analog Devices ADAV803 Datasheet HTML 36Page - Analog Devices ADAV803 Datasheet HTML 37Page - Analog Devices ADAV803 Datasheet HTML 38Page - Analog Devices ADAV803 Datasheet HTML 39Page - Analog Devices ADAV803 Datasheet HTML 40Page - Analog Devices ADAV803 Datasheet HTML 41Page - Analog Devices ADAV803 Datasheet HTML 42Page - Analog Devices ADAV803 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 56 page
background image
ADAV803
Rev. 0 | Page 39 of 56
d Only)
PRE_C07–PRE_C00
Table 36. Preamble-C LSB Register (Rea
7, 6, 5, 4, 3, 2, 1, 0
ADDRESS = 0010101 (0x15)
PRE_C07–00
Eight least signif
nt bits of th
-bit Preamb -C, when nonaudio data is detected according to the IEC60937
d; otherwise, bits show zeros.
ica
e 16
le
standar
Table 37. Preamble-D M
PR
SB Register (Read Only)
E_D15–PRE_D08
7, 6, 5, 4, 3, 2, 1, 0
ADDRESS = 0010110 (0x16)
PRE_D15–08
Ei
nonaudio data is detected according to the IEC60937
st
nonaudio is used, this becomes the eight most significant bits
of
ght most significant bits of the 16-bit Preamble-D, when
andard; otherwise, bits show zeros. When subframe
the 16-bit Preamble-C of Channel B.
Table 38. Preamble-D LSB Register (Read Only)
PRE_D07–PRE_D00
7, 6, 5, 4, 3, 2, 1, 0
ADDRESS = 0010111 (0x17)
PRE_D07–00
Ei
mble-D, when nonaudio data is detected according to the IEC60937
standard; otherwise, bits
becomes the eight most significant bits
of
ght least significant bits of the 16-bit Prea
show zeros. When subframe nonaudio is used, this
the 16-bit Preamble-C of Channel B.
Table 39. Receiver Erro
Rx
amble
CRCError
NoStream
BiPhase/ Parity
Lock
r Register (Read Only)
Validity
Emphasis
NonAudio
Pre
NonAudio
7
3
2
1
0
6
5
4
ADDRESS = 0011000 (0x18)
RxValidity
Th
ived stream.
is is the VALIDITY bit in the AES3 rece
Emphasis
This bit is set, if the audio data is pre-emphasized. Once it has been read, it remains high and does not generate an
interrupt unless it changes state.
onaudio) is set. Once it has been read, it does not generate another
upt unle
data bec
audio or
pe of no
ha
nAudio
is bit is set,
e audio da
s nonaudio due to the det
ion of a pream
. The nonau
preamble type register
s what type of preamble was detected. Once read, it remains in its state and does not generate an interrupt
ster
NonAudio
This bit is set, when Channel Status Bit 1 (n
interr
ss the
omes
the ty
naudio data c
nges.
No
Preamble
indicate
Th
if th
ta i
ect
ble
dio
unless it changes state.
This bit is the error flag for the channel status CRCError check. This bit does not clear until the receiver error regi
CRCError
is read.
This bit is set, if there is no AES3/SPDIF stream present at the AES3/SPDIF receiver. Once read, it remains high and
NoStream
does not generate an interrupt unless it changes state.
This bit is set, if a biphase or parity error occurred in the AES3/SPDIF stream. This bit is not cleared until the register is
BiPhase/Parity
read.
This bit is set, if the PLL has locked or cleared when the PLL loses lock. Once read, it remains in its state and does not
generate an interrupt unless it changes state.
Lock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com