Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAV803 Datasheet(PDF) 35 Page - Analog Devices

Part # ADAV803
Description  Audio Codec for Recordable DVD
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV803 Datasheet(HTML) 35 Page - Analog Devices

Back Button ADAV803 Datasheet HTML 31Page - Analog Devices ADAV803 Datasheet HTML 32Page - Analog Devices ADAV803 Datasheet HTML 33Page - Analog Devices ADAV803 Datasheet HTML 34Page - Analog Devices ADAV803 Datasheet HTML 35Page - Analog Devices ADAV803 Datasheet HTML 36Page - Analog Devices ADAV803 Datasheet HTML 37Page - Analog Devices ADAV803 Datasheet HTML 38Page - Analog Devices ADAV803 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 56 page
background image
ADAV803
Rev. 0 | Page 35 of 56
OCK
RxCLK1–
AU
Table 24. Receiver Configuration 1 Register
NOCL
0
TO_ DEEMPH
ERR1–0
LOCK1–0
7
6, 5
4
3, 2
1, 0
ADDRESS = 0001001 (0x09)
NOCLOCK
Selects the source of the receiver clock when the PLL is not locked.
clock.
PH
ata from the receiver based on the channel status information.
should take, if the receiver detects a parity or biphase error.
OCK1–0
tion the receiver should take, if the PLL loses lock.
11 = Soft-mute of the last valid audio sample.
0 = Recovered PLL clock is used.
1 = ICLK1 is used.
RxCLK1–0
Determines the oversampling ratio of the recovered receiver clock.
00 = RxCLK is a 128 × fS recovered clock.
01 = RxCLK is a 256 × fS recovered clock.
10 = RxCLK is a 512 × fS recovered
11 = Reserved.
AUTO_DEEM
Automatically de-emphasizes the d
0 = Automatic de-emphasis is disabled.
1 = Automatic de-emphasis is enabled.
ERR1–0
Defines what action the receiver
00 = No action is taken.
01 = Last valid sample is held.
10 = Invalid sample is replaced with zeros.
11 = Reserved.
L
Defines what ac
00 = No action is taken.
01 = Last valid sample is held.
10 = Zeros are sent out after the last valid sample.
Table 25. Receiver Co
ration 2 Register
SP_PL
SP_PLL_ SEL
RES
RES
NO NONAUDIO
NO_VALIDITY
nfigu
RxMUTE
L
1–0
7
6
5, 4
3
2
1
0
ADDRESS = 0001010 (0x0A)
RxMUTE
Hard-mutes the audio output for the AES3/SPDIF receiver.
0 = AES3/SPDIF receiver is not muted.
1 = AES3/SPDIF receiver is muted.
SP_PLL
AES3/SPDIF receiver PLL accepts a left/right clock from one of the four serial ports as the PLL reference clock.
ES3/SPDIF preambles is the reference clock to the PLL.
ports is the reference clock to the PLL.
reference clock to the PLL when SP_PLL is set.
NONAUDIO
er is not allowed into the sample rate converter
efined by the IEC61937 standard, then the data from
receiver is not allowed into the SRC regardless of the state of this bit.
the SRC.
s not allowed into the SRC, if the NONAUDIO bit is set.
the AES3/SPDIF receiver is not allowed into the SRC.
0 = AES3/SPDIF receiver data is sent to the SRC.
1 = Data from the AES3/SPDIF receiver is not allowed into the SRC, if the VALIDITY bit is set.
0 = Left/right clock generated from the A
1 = Left/right clock from one of the serial
SP_PLL_SEL1–0
Selects one of the four serial ports as the
00 = Playback port is selected.
01 = Auxiliary input port is selected.
10 = Record port is selected.
11 = Auxiliary output port is selected.
NO
When the NONAUDIO bit is set, data from the AES3/SPDIF receiv
NAUDIO data is due to DTS, AAC, and so on, as d
(SRC). If the NO
the AES3/SPDIF
0 = AES3/SPDIF receiver data is sent to
1 = Data from the AES3/SPDIF receiver i
NO_VALIDITY
When the VALIDITY bit is set, data from



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com