Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAV803 Datasheet(PDF) 43 Page - Analog Devices

Part # ADAV803
Description  Audio Codec for Recordable DVD
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV803 Datasheet(HTML) 43 Page - Analog Devices

Back Button ADAV803 Datasheet HTML 39Page - Analog Devices ADAV803 Datasheet HTML 40Page - Analog Devices ADAV803 Datasheet HTML 41Page - Analog Devices ADAV803 Datasheet HTML 42Page - Analog Devices ADAV803 Datasheet HTML 43Page - Analog Devices ADAV803 Datasheet HTML 44Page - Analog Devices ADAV803 Datasheet HTML 45Page - Analog Devices ADAV803 Datasheet HTML 46Page - Analog Devices ADAV803 Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 56 page
background image
ADAV803
Rev. 0 | Page 43 of 56
tatus Buffer
RCS
SB0
Table 47. Receiver Channel S
B7–RC
7, 6, 5, 4, 3, 2, 1, 0
ADDRESS
000 to 01
(0x20 to
= 0100
10111
0x37)
RCSB7–0
The 24-byte receiver channel status buffer. The PRO b
d at ad
tion 0
This bu
d
only if the channel status is not autob
betwee
ceiver an
mitter.
it is store
dress loca
x20, Bit 0.
ffer is rea
uffered
n the re
d trans
Table 48. T
ter Ch
tus Bu
TCS
B0
ransmit
annel Sta
ffer
B7–TCS
7, 6, 5, 4, 3, 2, 1, 0
ADDRESS
to 10
38 to
= 0111000
01111 (0x
0x4F)
TCSB7–0
The 24-byte transmi
el stat
The PR
tored a
location 0x38, Bit 0. This buffer is
disa
autob
etwee
iver and transmitter is
tter chann
us buffer.
O bit is s
t address
bled when
uffering b
n the rece
enabled.
Table 49. Receiver User Bit Buffer Indire
ess Regi
RxUBADDR07–RxUBADDR00
ct Addr
ster
7, 6, 5, 4, 3, 2, 1, 0
ADDRESS = 1010000 (0x50)
RxUBADDR07–00
ng to th
ss loca
he rece
r bit bu
Indirect address pointi
e addre
tion in t
iver use
ffer.
Table 50. Receiver Us
07–RxUBDATA00
er Bit Buffer Data Register
RxUBDATA
7, 6, 5, 4, 3, 2, 1, 0
ADDRESS = 1010001 (0x51)
RxUBDATA07–00
egister reads eight bits of user data from the receiver user bit buffer pointed to by RxUBADDR07–
ering of the user bits is enabled; otherwise, it is a read-only buffer.
A read from this r
00. This buffer can be written to when autobuff
Table 51. Transmitte
Indirect Address Register
BADDR00
r User Bit Buffer
TxUBADDR07–TxU
7, 6, 5, 4, 3, 2, 1, 0
ADDRESS = 1010010 (0x52)
TxUBADDR07–00
ress pointing to the address location in the transmitter user bit buffer.
Indirect add
Table 52. Transmitter User Bit Buffer
DATA00
Data Register
07–TxUB
TxUBDATA
7, 6, 5, 4, 3, 2, 1, 0
ADDRESS = 1010011 (0x53)
TxUBDATA07–00
A write to this register writes eight bits of user data to the transmit user bit buffer pointed to by TxUBADDR07–00.
When user bit autobuffering is enabled, this buffer is disabled.
Table 53. Q Subcode CRCError Status Register (Read-Only)
RES
RES
RES
RES
RES
RES
QCRCERROR
QSUB
7
6
5
4
3
2
1
0
ADDRESS = 1010100 (0x54)
QCRCERROR
This bit is set, if the CRC check of the Q subcode fails. This bit remains high, but does not generate an interrupt. This
bit is cleared once the register is read.
QSUB
This bit is set, if a Q subcode has been read into the Q subcode buffer (see Table 54).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com