Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAV803 Datasheet(PDF) 18 Page - Analog Devices

Part # ADAV803
Description  Audio Codec for Recordable DVD
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV803 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADAV803 Datasheet HTML 14Page - Analog Devices ADAV803 Datasheet HTML 15Page - Analog Devices ADAV803 Datasheet HTML 16Page - Analog Devices ADAV803 Datasheet HTML 17Page - Analog Devices ADAV803 Datasheet HTML 18Page - Analog Devices ADAV803 Datasheet HTML 19Page - Analog Devices ADAV803 Datasheet HTML 20Page - Analog Devices ADAV803 Datasheet HTML 21Page - Analog Devices ADAV803 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 56 page
background image
ADAV803
Rev. 0 | Page 18 of 56
pair
28 steps
ded to remove high
e noise
d
nal
op amps, which might draw mor than 50 µA or have dynamic
load changes, extra buffering should be used to preserve the
qua
an be selected from
.375
ault to
electing a Sample Rate
Correct operation of the DAC is dependent upon the data rate
provided to the DAC, the master clock applied to the DAC, and
the selected interpolation rate. By default, the DAC assumes that
the MCLK rate is 256 times the sample rate, which requires an
8-times oversampling rate. This combination is suitable for
sample rates of up to 48 kHz.
For a 96 kHz data rate that has a 24.576 MHz MCLK (256 × fS)
associated with it, the DAC MCLK divider should be set to
divide the MCLK by 2. This prevents the DAC engine from
running too fast. To compensate for the reduced MCLK rate, the
interpolator should be selected to operate in 4 × (DAC MCLK =
128 × fS). Similar combinations can be selected for different
sample rates.
REG 0x63
BITS 5–3
DAC SECTION
S
The ADAV803 has two DAC channels arranged as a stereo
with single-ended analog outputs. Each channel has its own
independently programmable attenuator, adjustable in 1
of 0.375 dB per step. The DAC can receive data from the
playback or auxiliary input ports, the SRC, the ADC, or the DIR.
Each analog output pin sits at a dc level of VREF, and swings 1.0
V rms for a 0 dB digital input signal. A single op amp third-
order external low-pass filter is recommen
frequency noise present on the output pins. Note that the use of
op amps with low slew rate or low bandwidth can cause high
frequency noise and tones to fold down into the audio band.
Care should be taken in selecting these components.
The FILTD and FILTR pins should be bypassed by external
capacitors to AGND. The FILTD pin is used to reduce th
of the internal DAC bias circuitry, thereby reducing the DAC
output noise. The voltage at the VREF pin, FILTR, can be use
to bias external op amps used to filter the output signals. For
applications in which the FILTR is required to drive exter
e
lity of the ADAV803 reference.
The digital input data source for the DAC c
a number of available sources by programming the appropriate
bits in the datapath control register. Figure 27 shows how the
digital data source and the MCLK source for the DAC are
selected. Each DAC has an independent volume register giving
256 steps of control, with each step giving approximately 0
dB of attenuation. Note that the DACs are muted by def
prevent unwanted pops, clicks, and other noises from appearing
on the outputs while the ADAV803 is being configured. Each
DAC also has a peak-level register that records the peak value of
the digital audio data. Reading the register clears the peak.
REG 0x76
BITS 7–5
REG 0x65
BITS 3–2
DIR
PLAYBACK
AUXILIARY IN
ADC
MCLK
DIVIDER
DAC
MCLK
DAC
DAC
INPUT
Figure 27. Clock and Datapath Control on the DAC
MULTI-BIT
Σ-∆
MODULATOR
INTERPOLATOR
DAC
DAC
TO ZERO FLAG PINS
FROM DAC
DATA PATH
MULTIPLEXER
VOLUME/MUTE
CONTROL
PEAK
DETECTOR
ZERO DETECT
TO CONTROL
REGISTERS
ANALOG
OUTPUT
Figure 28. DAC Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com