Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAV803 Datasheet(PDF) 22 Page - Analog Devices

Part # ADAV803
Description  Audio Codec for Recordable DVD
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV803 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADAV803 Datasheet HTML 18Page - Analog Devices ADAV803 Datasheet HTML 19Page - Analog Devices ADAV803 Datasheet HTML 20Page - Analog Devices ADAV803 Datasheet HTML 21Page - Analog Devices ADAV803 Datasheet HTML 22Page - Analog Devices ADAV803 Datasheet HTML 23Page - Analog Devices ADAV803 Datasheet HTML 24Page - Analog Devices ADAV803 Datasheet HTML 25Page - Analog Devices ADAV803 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 56 page
background image
ADAV803
Rev. 0 | Page 22 of 56
LL SECTION
n to generate
L
k.
P
The ADAV803 features a dual PLL configuratio
independent system clocks for asynchronous operation.
Figure 37 shows the block diagram of the PLL section. The PL
generates the internal and system clocks from a 27 MHz cloc
This clock is generated either by a crystal connected between
XIN and XOUT, as shown in Figure 35, or from an external
clock source connected directly to XIN. A 54 MHz clock can
also be used, if the internal clock divider is used.
CC
XTAL
Figure 35. Crystal Connection
Both PLLs (PLL1 and PLL2) can be programmed independentl
and can accommodate a range of sampling rates (32/44.1/48
kHz) with selectable system clock oversampling rates of 256 and
384. Higher oversampling rates can also be selected by enabling
the doubling of the sampling rate to give 512 or 768 × f
y
r
The PLL outputs can b
o act as clock sources
for the other component blocks such as the ADC, DAC, and so
on. The outputs of the PLLs are also available on the three
SYSCLK pins. Figure 38 shows how the PLLs can be configured
to provide the sampling clocks.
Table 7. PLL Frequency Selection Options
S
ratios.
Note that this option also allows oversampling ratios of 256 o
384 at double sample rates of 64/88.2/96 kHz.
e routed internally t
MCLK Selection
PLL
Sample Rate (fS)
Normal fS
Double fS
1
32/44.1/48 kHz
256/384 × fS
512/768 × fS
64/88.2/96 kHz
256/384 × fS
2A
32/44.1/48 kHz
256/384 × f
512/768 × f
S
S
64/88.2/96 kHz
256/384 × fS
2B
Same as fS selected
512 × fS
For PLL 2A
512 × fS
The PLLs require some external components to operate
correctly. These components, shown in Figure 36, form a loop
filter that integrates the current pulses from a charge pump an
produces a voltage that is used to tune the VCO. Good quali
capacitors, such as PPS fi
d
ty
lm, are recommended. Figure 37 shows
a block diagram of the PLL sect n, including master clock
selection. Figure 3
ncies at the
al PLL
locks
ould be
filter pins.
io
8 shows how the clock freque
clock output pins, SYSCLK1 to SYSCLK 3, and the intern
clock values, PLL1 and PLL2, are selected.
The clock nodes, PLL1 and PLL2, can be used as master c
for the other blocks in the ADAV803 such as the DAC or ADC.
The PLL has separate supply and ground pins, which sh
as clean as possible to prevent electrical noise from being
converted into clock jitter by coupling onto the loop
PLL BLOCK
PLL_LFx
3.3
Ω
100nF
AVDD
6.8nF
Figure 36. PLL Loop Filter
MCLKI
MCLKO
XOUT
XIN
REG 0x74
BIT 5
REG 0x74
BIT 4
REG 0x78
BIT 6
REG 0x78
BIT 7
PHASE
DETECTOR
AND LOOP
FILTER
PLL_LF1
PLL1
SYSCLK1
PLL_LF2
÷
SYSCLK2
SYSCLK3
2
÷2
VCO
÷N
OUTPUT
SCALER N1
PHASE
DETECT
AND LO
FILTE
OR
OP
R
PLL2
VCO
÷N
OUTPUT
SCALER N2
OUTPUT
SCALER N3
Figure 37. PLL Section Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com