Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8569GEDS/V Datasheet(PDF) 14 Page - Wolfson Microelectronics plc

Part # WM8569GEDS/V
Description  24-bit, 192kHz Stereo CODEC with Volume Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8569GEDS/V Datasheet(HTML) 14 Page - Wolfson Microelectronics plc

Back Button WM8569GEDS/V Datasheet HTML 10Page - Wolfson Microelectronics plc WM8569GEDS/V Datasheet HTML 11Page - Wolfson Microelectronics plc WM8569GEDS/V Datasheet HTML 12Page - Wolfson Microelectronics plc WM8569GEDS/V Datasheet HTML 13Page - Wolfson Microelectronics plc WM8569GEDS/V Datasheet HTML 14Page - Wolfson Microelectronics plc WM8569GEDS/V Datasheet HTML 15Page - Wolfson Microelectronics plc WM8569GEDS/V Datasheet HTML 16Page - Wolfson Microelectronics plc WM8569GEDS/V Datasheet HTML 17Page - Wolfson Microelectronics plc WM8569GEDS/V Datasheet HTML 18Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
WM8569
Product Preview
w
PP Rev 1.1 December 2005
14
System Clock Frequency (MHz)
128fs
192fs
SAMPLING
RATE
(DACLRC/
ADCLRC)
DAC only
DAC only
256fs
384fs
512fs
768fs
32kHz
4.096
6.144
8.192
12.288
16.384
24.576
44.1kHz
5.6448
8.467
11.2896
16.9340
22.5792
33.8688
48kHz
6.144
9.216
12.288
18.432
24.576
36.864
96kHz
12.288
18.432
24.576
36.864
Unavailable Unavailable
192kHz
24.576
36.864
Unavailable Unavailable Unavailable Unavailable
Table 5 System Clock Frequencies Versus Sampling Rate
HARDWARE CONTROL MODES
When the MODE pin is held high, the following hardware modes of operation are available.
Note: When in hardware mode the ADC and DAC will only run in slave mode.
MUTE AND AUTOMUTE OPERATION
In both hardware and software modes, MUTE controls the selection of MUTE directly, and can be
used to enable and disable the automute function. This pin becomes an output when left floating and
indicates infinite ZERO detect (IZD) has been detected.
DESCRIPTION
0
Normal Operation
1
Mute DAC channels
Floating
Enable IZD, MUTE becomes an output to indicate when IZD occurs.
L=IZD detected, H=IZD not detected.
Table 6 Mute and Automute Control
Figure 7 shows the application and release of MUTE whilst a full amplitude sinusoid is being played
at 48kHz sampling rate. When MUTE (lower trace) is asserted, the output (upper trace) begins to
decay exponentially from the DC level of the last input sample. The output will decay towards VMID
with a time constant of approximately 64 input samples. If MUTE is applied to all channels for 1024
or more input samples the outputs will be connected directly to VMID if IZD is set. When MUTE is de-
asserted, the output will restart immediately from the current input sample.
Figure 7 Application and Release of Soft Mute
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
0
0.001
0.002
0.003
0.004
0.005
0.006
Time(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com