Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8569GEDS/V Datasheet(PDF) 15 Page - Wolfson Microelectronics plc

Part # WM8569GEDS/V
Description  24-bit, 192kHz Stereo CODEC with Volume Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8569GEDS/V Datasheet(HTML) 15 Page - Wolfson Microelectronics plc

Back Button WM8569GEDS/V Datasheet HTML 11Page - Wolfson Microelectronics plc WM8569GEDS/V Datasheet HTML 12Page - Wolfson Microelectronics plc WM8569GEDS/V Datasheet HTML 13Page - Wolfson Microelectronics plc WM8569GEDS/V Datasheet HTML 14Page - Wolfson Microelectronics plc WM8569GEDS/V Datasheet HTML 15Page - Wolfson Microelectronics plc WM8569GEDS/V Datasheet HTML 16Page - Wolfson Microelectronics plc WM8569GEDS/V Datasheet HTML 17Page - Wolfson Microelectronics plc WM8569GEDS/V Datasheet HTML 18Page - Wolfson Microelectronics plc WM8569GEDS/V Datasheet HTML 19Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
Product Preview
WM8569
w
PP Rev 1.1 December 2005
15
The MUTE pin is an input to select mute or not mute. MUTE is active high; taking the pin high
causes the filters to soft mute, ramping down the audio signal over a few milliseconds. Taking MUTE
low again allows data into the filter.
The automute function detects a series of ZERO value audio samples of 1024 samples long being
applied to both channels. After such an event, a latch is set whose output (AUTOMUTED) is wire
OR’d through a 10kΩ resistor to the MUTE pin. Thus if the MUTE pin is not being driven, the
automute function will assert mute.
If MUTE is tied low, AUTOMUTED is overridden and will not mute unless the IZD register bit is set. If
MUTE is driven from a bi-directional source, then both MUTE and automute functions are available. If
MUTE is not driven, AUTOMUTED appears as a weak output (10kΩ source impedance) and can be
used to drive external mute circuits. AUTOMUTED will be removed as soon as any channel receives
a non-ZERO input.
A diagram showing how the various Mute modes interact is shown below.
IZD (Register Bit)
AUTOMUTED
(Internal Signal)
10k
Ω
Ω
Ω
Ω
MUTE (Register Bit)
SOFTMUTE
(Internal
Signal)
MUTE
PIN
Figure 8 Control of MUTE Modes
INPUT FORMAT SELECTION
In hardware mode, CSB/IDF and SCLK/IWL become input controls for selection of input data format
type and input data word length for both the ADC and DAC.
CSB/IDF
SCLK/IWL
INPUT DATA MODE
0
0
24-bit right justified
0
1
20-bit right justified
1
0
16-bit I
2S
1
1
24-bit I
2S
Table 7 Input Format Selection
Note:
In 24 bit I
2S mode, any width of 24 bits or less is supported provided that the left/right clocks
(ADCLRC and DACLRC) are high for a minimum of 24 bit clocks (ADCBCLK and DACBCLK) and
low for a minimum of 24 bit clocks.
DE-EMPHASIS CONTROL
In hardware mode, the SDIN/DM pin becomes an input control for selection of de-emphasis filtering
to be applied.
SDIN/DM
DE-EMPHASIS
0
Off
1
On
Table 8 De-emphasis Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com